Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD9154 Datasheet(PDF) 103 Page - Analog Devices

No. de pieza AD9154
Descripción Electrónicos  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 103 Page - Analog Devices

Back Button AD9154 Datasheet HTML 99Page - Analog Devices AD9154 Datasheet HTML 100Page - Analog Devices AD9154 Datasheet HTML 101Page - Analog Devices AD9154 Datasheet HTML 102Page - Analog Devices AD9154 Datasheet HTML 103Page - Analog Devices AD9154 Datasheet HTML 104Page - Analog Devices AD9154 Datasheet HTML 105Page - Analog Devices AD9154 Datasheet HTML 106Page - Analog Devices AD9154 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 103 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x13B
QPATH_DC_
OFFSET_2PART
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
QPATH_DC_
OFFSET_2PART
Second Part of DC Offset Value for Q Path.
0x0
R/W
0x13C
IDAC_DIG_
GAIN0
[7:0]
IDAC_DIG_
GAIN0
LSB of I DAC Digital Gain.
0x0
R/W
0x13D
IDAC_DIG_
GAIN1
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
IDAC_DIG_
GAIN1
MSB of I DAC Digital Gain.
0x8
R/W
0x13E
QDAC_DIG_
GAIN0
[7:0]
QDAC_DIG_
GAIN0
LSB of Q DAC Digital Gain.
0x0
R/W
0x13F
QDAC_DIG_
GAIN1
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
QDAC_DIG_
GAIN1
MSB of Q DAC Digital Gain.
0x8
R/W
0x140
GAIN_RAMP_
UP_STEP0
[7:0]
GAIN_RAMP_
UP_STEP0
LSB of Digital Gain Rises.
0x4
R/W
0x141
GAIN_RAMP_U
P_STEP1
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
GAIN_RAMP_
UP_STEP1
MSB of Digital Gain Rises.
0x0
R/W
0x142
GAIN_RAMP_D
OWN_STEP0
[7:0]
GAIN_RAMP_
DOWN_STEP0
LSB of Digital Gain Drops.
0x9
R/W
0x143
GAIN_RAMP_D
OWN_STEP1
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
GAIN_RAMP_
DOWN_STEP1
MSB of Digital Gain Drops.
0x0
R/W
0x146
DEVICE_CONFI
G_REG1
[7:0]
DEVICE_
CONFIG_1
Must be Set to 0x01 During Startup.
0x0
R/W
0x147
BLSM_STAT
[7:6]
BE_ROTATE_REQ
BE_ROTATE_REQ Forced Value.
0x0
R/W
[5:0]
RESERVED
Reserved.
0x0
R/W
0x14B
PRBS
7
PRBS_GOOD_Q
Good Data Indicator Imaginary Channel.
0x0
R
0 Incorrect sequence detected.
1 Correct PRBS sequence detected.
6
PRBS_GOOD_I
Good Data Indicator Real Channel.
0x0
R
0 Incorrect sequence detected.
1 Correct PRBS sequence detected.
5
RESERVED
Reserved.
0x0
R
[4:3]
RESERVED
Reserved.
0x1
R/W
2
PRBS_MODE
Polynomial Select.
0x0
R/W
0 7-bit: x7 + x6 + 1
1 15-bit: x15 + x14 + 1
1
PRBS_RESET
Reset Error Counters.
0x0
R/W
0 Normal operation.
1 Reset counters.
0
PRBS_EN
Enable PRBS Checker.
0x0
R/W
0 Disable.
1 Enable.
0x14C
PRBS_ERROR_I
[7:0]
PRBS_COUNT_I
Error Count Value Real Channel.
0x0
R
0x14D
PRBS_ERROR_Q [7:0]
PRBS_COUNT_Q
Error Count Value Imaginary Channel.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More