Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ULN2003AN Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza ULN2003AN
Descripción Electrónicos  SEVEN DARLINGTON ARRAYS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ULN2003AN Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  ULN2003AN_19 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ULN2003AN_19 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ULN2003AN_19 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ULN2003AN_19 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ULN2003AN_19 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd ULN2003AN_19 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd ULN2003AN_19 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd ULN2003AN_19 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DARLINGTON ARRAYS
The
A are monolithic high-voltage, high-current
Darlington transistor arrays. Each consists of seven n-p-n
Darlington pairs that feature high-voltage outputs with common-
cathode clamp diodes for switching inductive loads. The collector-
current rating of a single Darlington pair is 500 mA. The
Darlington pairs may be paralleled for higher current capability.
Applications include relay drivers, hammer drivers, lamp drivers,
display drivers (LED and gas discharge), line drivers, and logic
buffers.
ORDERING INFORMATION
N2003AN
Plastic
LN2003AD
SOIC
TA = -20°C to 85° C for all
packages
The
2003A has a 2.7-k
series base resistor for each
 
Darlington pair for operation directly with TTL or 5-V CMOS
devices.
500-mA Rated Collector Current (Single Output)
High-Voltage Outputs . . . 50 V
Output Clamp Diodes
Inputs Compatible With Various Types of Logic
Relay Driver Applications
LOGIC SYSBOL
LOGIC DIAGRAM
SCHEMATICS (each Darlington Pair)
All resistor values shown are nominal.
LN2003A: RB = 2.7 kW
1
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - ULN2003AN_19

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ULN2003ANE3 TI-ULN2003ANE3 Datasheet
859Kb / 26P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003ANE3 TI1-ULN2003ANE3 Datasheet
1Mb / 28P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003ANE3 TI1-ULN2003ANE3 Datasheet
1Mb / 34P
High-Voltage, High-Current Darlington Transistor Arrays
ULN2003ANE4 TI-ULN2003ANE4 Datasheet
513Kb / 19P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2003ANE4 TI-ULN2003ANE4 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results

Descripción similar - ULN2003AN_19

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
SEVEN DARLINGTON ARRAYS
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
February 2002
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
SEVEN DARLINGTON ARRAYS
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com