Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC10161 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10161
Descripción Electrónicos  Binary to 1-8 Decoder(Low)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10161 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10161 Datasheet HTML 1Page - ON Semiconductor MC10161 Datasheet HTML 2Page - ON Semiconductor MC10161 Datasheet HTML 3Page - ON Semiconductor MC10161 Datasheet HTML 4Page - ON Semiconductor MC10161 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10161
MOTOROLA
MECL Data
DL122 — Rev 6
3–74
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
84
61
76
84
mAdc
Input Current
IinH
14
350
220
220
µAdc
IinL
14
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
13
13
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
13
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
13
13
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
13
–1.655
–1.630
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t14+13–
t14–13+
13
13
1.5
1.5
6.2
6.2
1.5
1.5
4.0
4.0
6.0
6.0
1.5
1.5
6.4
6.4
Rise Time
(20 to 80%)
t13+
13
1.0
3.3
1.1
2.0
3.3
1.1
3.5
Fall Time
(20 to 80%)
t13–
13
1.0
3.3
1.1
2.0
3.3
1.1
3.5
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
2,7,9,14,15
8
1,16
Input Current
IinH
14
14
8
1,16
IinL
14
14
8
1,16
Output Voltage
Logic 1
VOH
13
13
2
15
8
8
1,16
1,16
Output Voltage
Logic 0
VOL
13
14
8
1,16
Threshold Voltage
Logic 1
VOHA
13
13
2
15
8
8
1,16
1,16
Threshold Voltage
Logic 0
VOLA
13
14
8
1,16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t14+13–
t14–13+
13
13
14
14
13
13
8
8
1,16
1,16
Rise Time
(20 to 80%)
t13+
13
14
13
8
1,16
Fall Time
(20 to 80%)
t13–
13
14
13
8
1,16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Número de pieza similar - MC10161

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
119Kb / 8P
Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161FN ONSEMI-MC10161FN Datasheet
119Kb / 8P
Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161L ONSEMI-MC10161L Datasheet
119Kb / 8P
Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161P ONSEMI-MC10161P Datasheet
119Kb / 8P
Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results

Descripción similar - MC10161

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10H161 ONSEMI-MC10H161 Datasheet
119Kb / 4P
Binary to 1-8 Decoder(Low)
REV 5
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
Binary to 1-8 Decoder(High)
REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com