| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A2001 Datasheet(PDF) 7 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
A2001 Datasheet(HTML) 7 Page - Allegro MicroSystems |
|
7 / 11 page ![]() 2003 THRU 2024 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 TYPICAL APPLICATIONS Dwg. No. A-9652 Dwg. No. A-9654A +VSS PMOS OUTPUT +V +V 16 15 14 13 12 611 710 89 1 2 3 4 5 200 Ω CMOS OUTPUT +V 16 15 14 13 12 611 710 89 1 2 3 4 5 +VDD 200 Ω 2N4901 0.5 Dwg. GP-067 1.0 2.0 1.5 COLLECTOR-EMITTER SATURATION VOLTAGE 0 600 400 200 0 ALLOWABLE COLLECTOR CURRENT AS A FUNCTION OF DUTY CYCLE (Dual In-line-Packaged Devices, Suffix ‘A’) 200 Dwg. GP-068 400 600 INPUT CURRENT IN µA 0 600 400 200 0 M AX . R EQ 'D IN PU T C UR RE NT COLLECTOR CURRENT AS A FUNCTION OF INPUT CURRENT SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT 20 Dwg. GP-070 40 100 80 DUTY CYCLE IN PER CENT 0 600 400 200 0 60 7 2 3 4 5 6 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY 1 TA = +70 °C RθJA = 60 °C/W 20 Dwg. GP-044A 40 100 80 DUTY CYCLE IN PER CENT 0 600 400 200 0 60 NUMBER OF OUTPUTS CONDUCTING SIMULTANEOUSLY TA = +70 °C RθJA = 90 °C/W 7 6 5 4 3 2 (Small-Outline-Packaged Devices, Suffix ‘L’) |
Número de pieza similar - A2001 |
|
Descripción similar - A2001 |
|
|
|
Enlace URL |
| Política de Privacidad |
| ALLDATASHEET.COM.MX |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |