Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BA10EL6 Datasheet(PDF) 1 Page - Hubbell Incorporated.

No. de pieza BA10EL6
Descripción Electrónicos  TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK TONGUE, #6 STUD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HUBBELL [Hubbell Incorporated.]
Página de inicio  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BA10EL6 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BA10EL6 Datasheet HTML 1Page - Hubbell Incorporated. BA10EL6 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Connector Type
Terminal - Fork
Feature - Barrel Style
Shrouded
Insulation
Y
Insulation Type
Vinyl
Material
Copper
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Locking Fork
Plated
Y
Plating Type
Tin - Electro Plated
Trade Name
VINYLUG™
UPC
781810026885
UPC 12 Digit
7818100268855
Dimensions
Dimension - Hole Size fraction
7/50
Dimension - Hole Size inch
0.14 in
Dimension - Length Overall inch
1.05 in
Dimension - Pad Width inch
0.28 in
Dimension - Stud Size inch
#6
Dimension - Z inch
0.26 in
Conductor Related
Conductor - Copper Str Size
12 AWG;10 AWG
Conductor - Copper Str Size Range
12 AWG-10 AWG
Conductor Type
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
500
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BA10EL6
by Burndy
Catalog ID: BA10EL6
Prop 65 Notice
TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK
TONGUE, #6 STUD


Número de pieza similar - BA10EL6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hubbell Incorporated.
BA10EL10 HUBBELL-BA10EL10 Datasheet
260Kb / 2P
Copper Fork Terminal, 12 - 10 AWG, 600 V, #8 - #10 Stud, Polyvinylchloride Insulation.
BA10EL8 HUBBELL-BA10EL8 Datasheet
261Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal, Wire size:12-10 AWG STR,Stud size:8.
More results

Descripción similar - BA10EL6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hubbell Incorporated.
BA10E6 HUBBELL-BA10E6 Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, RING TONGUE, #6 STUD, 600 VOLTS MAX. 105째 C MAX.
BA10EF6 HUBBELL-BA10EF6 Datasheet
260Kb / 2P
Cu Terminal, Bulk, Fork Tongue, #12 - #10 AWG Str, 600 V, #6 Stud, Polyvinylchloride Insulated, Yellow.
BA10EZ10M HUBBELL-BA10EZ10M Datasheet
262Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, FLANGED FORK TONGUE.
BA14EF6M HUBBELL-BA14EF6M Datasheet
259Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, FORK TONGUE, #6 STUD, 16-14 AWG, TAPE MOUNTED
BA14EL6 HUBBELL-BA14EL6 Datasheet
261Kb / 2P
Copper Terminal, Locking Fork Tongue, 16-14 AWG, #4-#6 Stud, Vinyl Insulated.
BA14EL8M HUBBELL-BA14EL8M Datasheet
262Kb / 2P
Fork Tongue Terminal, 16-14 AWG, #8 Stud, Polyvinylchloride Insulated, Tin Plated.
BA16EL8 HUBBELL-BA16EL8 Datasheet
260Kb / 2P
Copper Terminal, Locking Fork Tongue, 22-16 AWG, #6-#8 Stud, Vinyl Insulated, Tin Plated.
BA16EL8M HUBBELL-BA16EL8M Datasheet
259Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK TONGUE, #8 STUD SIZE,TAPE MOUNTED
BA16EZ2 HUBBELL-BA16EZ2 Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, FLANGED FORK TONGUE, #2 STUD SIZE
BA16EZ6 HUBBELL-BA16EZ6 Datasheet
262Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:6,Wire strip length:1/4".
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com