Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BA14EF6M Datasheet(PDF) 2 Page - Hubbell Incorporated.

No. de pieza BA14EF6M
Descripción Electrónicos  TERMINAL-POLYVINYLCHLORIDE INSULATED, FORK TONGUE, #6 STUD, 16-14 AWG, TAPE MOUNTED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HUBBELL [Hubbell Incorporated.]
Página de inicio  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BA14EF6M Datasheet(HTML) 2 Page - Hubbell Incorporated.

  BA14EF6M Datasheet HTML 1Page - Hubbell Incorporated. BA14EF6M Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Connector Type
Terminal - Fork
Feature - Barrel Style
Shrouded
Insulation
Y
Insulation Type
Vinyl
Material
Copper
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Fork
Plated
Y
Plating Type
Tin - Electro Plated
Trade Name
VINYLUG™
UPC
781810028995
UPC 12 Digit
7818100289955
Dimensions
Dimension - Hole Size fraction
3/20
Dimension - Hole Size inch
0.15 in
Dimension - Length Overall inch
0.80 in
Dimension - Pad Width inch
0.28 in
Dimension - Stud Size inch
#6
Dimension - Z inch
0.23 in
Conductor Related
Conductor - Copper Solid Size
16 AWG;15 AWG;14 AWG
Conductor - Copper Solid Size Range
16 AWG-14 AWG
Conductor - Copper Str Size
16 AWG;14 AWG
Conductor - Copper Str Size Range
16 AWG-14 AWG
Conductor Type
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL467
Standards - Industry Standards Met
UL467
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
2000
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BA14EF6M
by Burndy
Catalog ID: BA14EF6M
TERMINAL-POLYVINYLCHLORIDE INSULATED, FORK TONGUE, #6
STUD, 16-14 AWG, TAPE MOUNTED


Número de pieza similar - BA14EF6M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hubbell Incorporated.
BA14EF6 HUBBELL-BA14EF6 Datasheet
261Kb / 2P
   Copper Terminal, Fork Tongue, 16-14 AWG, #4-#6 Stud, Vinyl Insulated, Tin Plated.
More results

Descripción similar - BA14EF6M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hubbell Incorporated.
BA14EL8M HUBBELL-BA14EL8M Datasheet
262Kb / 2P
   Fork Tongue Terminal, 16-14 AWG, #8 Stud, Polyvinylchloride Insulated, Tin Plated.
BA16EL8M HUBBELL-BA16EL8M Datasheet
259Kb / 2P
   TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK TONGUE, #8 STUD SIZE,TAPE MOUNTED
BA10EL6 HUBBELL-BA10EL6 Datasheet
259Kb / 2P
   TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK TONGUE, #6 STUD
BA14EL6 HUBBELL-BA14EL6 Datasheet
261Kb / 2P
   Copper Terminal, Locking Fork Tongue, 16-14 AWG, #4-#6 Stud, Vinyl Insulated.
BA16EZ2 HUBBELL-BA16EZ2 Datasheet
260Kb / 2P
   TERMINAL-POLYVINYLCHLORIDE INSULATED, FLANGED FORK TONGUE, #2 STUD SIZE
BA14EZ8 HUBBELL-BA14EZ8 Datasheet
261Kb / 2P
   Polyvinylchloride Insulated Copper Fork Terminal,Stud Size:# 6 - #8 Hole, Cable Size: 16 - 14 AWG.
BA14EF6 HUBBELL-BA14EF6 Datasheet
261Kb / 2P
   Copper Terminal, Fork Tongue, 16-14 AWG, #4-#6 Stud, Vinyl Insulated, Tin Plated.
BA10EZ10M HUBBELL-BA10EZ10M Datasheet
262Kb / 2P
   TERMINAL-POLYVINYLCHLORIDE INSULATED, FLANGED FORK TONGUE.
BA14EF10 HUBBELL-BA14EF10 Datasheet
261Kb / 2P
   Copper Terminal, Fork Tongue, 16-14 AWG, #8-#10 Stud, Vinyl Insulated.
BA16EF6 HUBBELL-BA16EF6 Datasheet
260Kb / 2P
   Copper Terminal, Fork Tongue, 22-16 AWG, #4-#6 Stud, Vinyl Insulated.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com