Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BA16EF6 Datasheet(PDF) 1 Page - Hubbell Incorporated.

No. de pieza BA16EF6
Descripción Electrónicos  Copper Terminal, Fork Tongue, 22-16 AWG, #4-#6 Stud, Vinyl Insulated.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HUBBELL [Hubbell Incorporated.]
Página de inicio  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BA16EF6 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BA16EF6 Datasheet HTML 1Page - Hubbell Incorporated. BA16EF6 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Commercial And Light Duty Industrial Control And Power Circuit
Applications
Connector Type
Terminal - Fork
Feature - Barrel Style
Shrouded
Insulation
Y
Insulation Type
Vinyl
Material
Copper
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Fork
Plated
Y
Plating Type
Tin
Sub Brand
VINYLUG
Trade Name
VINYLUG™
Type
BA-EF
UPC
781810026748
UPC 12 Digit
7818100267488
Dimensions
Dimension - Hole Size fraction
3/20
Dimension - Hole Size inch
0.15 in
Dimension - Length Overall inch
0.80 in
Dimension - Pad Width inch
0.28 in
Dimension - Stud Size inch
#6
Dimension - Z inch
0.23 in
Conductor Related
Conductor - Copper Solid Size Range
20 AWG -22 AWG; 16 AWG -18 AWG
Conductor - Copper Str Size Range
20 AWG -22 AWG; 16 AWG -18 AWG
Conductor Type
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Industry Standard(s)
UL467
Standards - Industry Standards Met
UL467
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1000
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BA16EF6
by Burndy
Catalog ID: BA16EF6
Prop 65 Notice
Copper Terminal, Fork Tongue, 22-16 AWG, #4-#6 Stud, Vinyl Insulated.
Features: Fork Tongue Design: Faster Installation-Screw Needs Only To
Be Loosened For Termination, 600 V Maximum, 105 DEG C Maximum,
Insulation Diameter (maximum): 0.145 IN, Package: Bulk, Installation Tool:
Plier Type: Y10-22 Tool, Ratchet: MR8-89-1 Tool, Wire Strip Length: 13/64
IN, Color Code: Red, Finish: Electro-Tin Plated, Temperature Rating: 105
DEG C Maximum, Wire Insulation Grip: No


Número de pieza similar - BA16EF6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hubbell Incorporated.
BA16EF10 HUBBELL-BA16EF10 Datasheet
261Kb / 2P
Cu Terminal, Bulk, Fork Tongue, #22 - #16 AWG Str & Sol, 600 V, #10 Stud, Polyvinylchloride Insulated, Red.
BA16EF2 HUBBELL-BA16EF2 Datasheet
262Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:2,Wire strip length:13/64 IN.
BA16EF8 HUBBELL-BA16EF8 Datasheet
260Kb / 2P
Copper Terminal, Fork Tongue, 22-16 AWG, #6-#8 Stud, Vinyl Insulated.
BA16EF8M HUBBELL-BA16EF8M Datasheet
260Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, 600 VOLTS MAX. 105째 C MAX, 22-16 AWG, #8 STUD SIZE, TAPE MOUNTED
More results

Descripción similar - BA16EF6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hubbell Incorporated.
BA14E6 HUBBELL-BA14E6 Datasheet
260Kb / 2P
Copper Terminal, Ring Tongue, 16-14 AWG, #4-#6 Stud, Vinyl Insulated.
BA14EF6 HUBBELL-BA14EF6 Datasheet
261Kb / 2P
Copper Terminal, Fork Tongue, 16-14 AWG, #4-#6 Stud, Vinyl Insulated, Tin Plated.
BA14EF10 HUBBELL-BA14EF10 Datasheet
261Kb / 2P
Copper Terminal, Fork Tongue, 16-14 AWG, #8-#10 Stud, Vinyl Insulated.
BA14EL6 HUBBELL-BA14EL6 Datasheet
261Kb / 2P
Copper Terminal, Locking Fork Tongue, 16-14 AWG, #4-#6 Stud, Vinyl Insulated.
BA16E6 HUBBELL-BA16E6 Datasheet
261Kb / 2P
Copper Terminal, Ring Tongue, 22-16 AWG, #4-#6 Stud, Vinyl Insulated.
BA16E8 HUBBELL-BA16E8 Datasheet
262Kb / 2P
Copper Terminal, Ring Tongue, 22-16 AWG, #6-#8 Stud, Vinyl Insulated.
BA16E10 HUBBELL-BA16E10 Datasheet
262Kb / 2P
Copper Terminal, Ring Tongue, 22-16 AWG, #8-#10 Stud, Vinyl Insulated.
BA16E14 HUBBELL-BA16E14 Datasheet
262Kb / 2P
Copper Terminal, Ring Tongue, 22-16 AWG, 1/4" Stud, Vinyl Insulated, Tin Plated.
BA16EF8 HUBBELL-BA16EF8 Datasheet
260Kb / 2P
Copper Terminal, Fork Tongue, 22-16 AWG, #6-#8 Stud, Vinyl Insulated.
BA16EL8 HUBBELL-BA16EL8 Datasheet
260Kb / 2P
Copper Terminal, Locking Fork Tongue, 22-16 AWG, #6-#8 Stud, Vinyl Insulated, Tin Plated.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com