Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NTD5806NT4G Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

No. de pieza NTD5806NT4G
Descripción Electrónicos  N-Channel 4 0-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

NTD5806NT4G Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  NTD5806NT4G Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
RDS(on) vs. VGS vs. Temperature
0.
2
0.
4
0.6
0.8
1.
0
1.
2
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V, ID= 38.8 A
VGS = 4.5 V, ID = 27 A
0.000
0.001
0.002
0.003
0.004
0.005
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 38.8 A
TA = 125 °C
TA = 25 °C
Forward Diode Voltage vs. Temperature
Threshold Voltage
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
TJ = 150 °C
0.8
1.2
1.6
2.0
2.4
2.8
- 50 - 25
0
25
50
75
100
125 150
175
TJ - Temperature (°C)
ID = 250 µA
Safe Operating Area, Junction-to-Ambient
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
TA = 25 °C
Single Pulse
dc
10 s
1 s
100 ms
10 ms
*Limited by rDS (on)
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
NTD5806NT4G
4


Número de pieza similar - NTD5806NT4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTD5806NT4G ONSEMI-NTD5806NT4G Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD5806NT4G ONSEMI-NTD5806NT4G Datasheet
84Kb / 7P
   Power MOSFET
July, 2016 ??Rev. 7
More results

Descripción similar - NTD5806NT4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
AOD454A VBSEMI-AOD454A Datasheet
1,001Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
QM4002AD VBSEMI-QM4002AD Datasheet
999Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
ME12N04 VBSEMI-ME12N04 Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
MDD1754RH VBSEMI-MDD1754RH Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
ME60N04 VBSEMI-ME60N04 Datasheet
1,000Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
STD30NF04LT VBSEMI-STD30NF04LT Datasheet
979Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
AM40N04-20D-T1-PF VBSEMI-AM40N04-20D-T1-PF Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
60N04 VBSEMI-60N04 Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
VBE1410 VBSEMI-VBE1410 Datasheet
567Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
SI4944DY-T1-E3 VBSEMI-SI4944DY-T1-E3 Datasheet
1,004Kb / 9P
   N-Channel 0-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com