Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NTD5806NT4G Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

No. de pieza NTD5806NT4G
Descripción Electrónicos  N-Channel 4 0-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

NTD5806NT4G Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  NTD5806NT4G Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
*The power dissipation PD is based on TJ(max) = 175 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Package Limited
Power Derating
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
C - Case Temperature (°C)
T
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10- 4
10- 3
10- 2
10- 1
1
10
0.2
0.1
Duty Cycle = 0.5
Single Pulse
0.05
0.02
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
NTD5806NT4G
5


Número de pieza similar - NTD5806NT4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTD5806NT4G ONSEMI-NTD5806NT4G Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD5806NT4G ONSEMI-NTD5806NT4G Datasheet
84Kb / 7P
   Power MOSFET
July, 2016 ??Rev. 7
More results

Descripción similar - NTD5806NT4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
AOD454A VBSEMI-AOD454A Datasheet
1,001Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
QM4002AD VBSEMI-QM4002AD Datasheet
999Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
ME12N04 VBSEMI-ME12N04 Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
MDD1754RH VBSEMI-MDD1754RH Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
ME60N04 VBSEMI-ME60N04 Datasheet
1,000Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
STD30NF04LT VBSEMI-STD30NF04LT Datasheet
979Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
AM40N04-20D-T1-PF VBSEMI-AM40N04-20D-T1-PF Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
60N04 VBSEMI-60N04 Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
VBE1410 VBSEMI-VBE1410 Datasheet
567Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
SI4944DY-T1-E3 VBSEMI-SI4944DY-T1-E3 Datasheet
1,004Kb / 9P
   N-Channel 0-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com