Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NTD5806NT4G Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

No. de pieza NTD5806NT4G
Descripción Electrónicos  N-Channel 4 0-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

NTD5806NT4G Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  NTD5806NT4G Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd NTD5806NT4G Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel 4 0-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
OR-ing
Server
•DC/DC
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 sec.
d. Maximum under steady state conditions is 90 °C/W.
e. Calculated based on maximum junction temperature. Package limitation current is 90 A.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a, e
Qg (Typ)
40
0.01
3 at VGS = 10 V
2 nC
0.01
at VGS = 4.5 V
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
a, e
A
TC = 70 °C
45e
TA = 25 °C
15.8b, c
TA = 70 °C
1
2 b, c
Pulsed Drain Current
IDM
200
Avalanche Current Pulse
L = 0.1 mH
IAS
3
9
Single Pulse Avalanche Energy
EAS
94.8
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
90a, e
A
TA = 25 °C
3.13b, c
Maximum Power Dissipation
TC = 25 °C
PD
100a
W
TC = 70 °C
75
TA = 25 °C
3.75b, c
TA = 70 °C
2.63b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
 10 sec
RthJA
32
40
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.5
0.6
5
5
55
8
TO-252
S
G
D
Top View
D
G
S
N-Channel MOSFET
4
5
4
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
NTD5806NT4G
1


Número de pieza similar - NTD5806NT4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTD5806NT4G ONSEMI-NTD5806NT4G Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD5806NT4G ONSEMI-NTD5806NT4G Datasheet
84Kb / 7P
   Power MOSFET
July, 2016 ??Rev. 7
More results

Descripción similar - NTD5806NT4G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
AOD454A VBSEMI-AOD454A Datasheet
1,001Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
QM4002AD VBSEMI-QM4002AD Datasheet
999Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
ME12N04 VBSEMI-ME12N04 Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
MDD1754RH VBSEMI-MDD1754RH Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
ME60N04 VBSEMI-ME60N04 Datasheet
1,000Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
STD30NF04LT VBSEMI-STD30NF04LT Datasheet
979Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
AM40N04-20D-T1-PF VBSEMI-AM40N04-20D-T1-PF Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
60N04 VBSEMI-60N04 Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
VBE1410 VBSEMI-VBE1410 Datasheet
567Kb / 7P
   N-Channel 4 0-V (D-S) MOSFET
SI4944DY-T1-E3 VBSEMI-SI4944DY-T1-E3 Datasheet
1,004Kb / 9P
   N-Channel 0-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com