Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P6KEG33CA Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

No. de pieza P6KEG33CA
Descripción Electrónicos  Unidirectional and Bidirectional Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P6KEG33CA Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  P6KEG33CA Datasheet HTML 1Page - HY ELECTRONIC CORP. P6KEG33CA Datasheet HTML 2Page - HY ELECTRONIC CORP. P6KEG33CA Datasheet HTML 3Page - HY ELECTRONIC CORP. P6KEG33CA Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
DO-15
low leakage
Uni and bidirectional uni
RoHS
Excellent clamping capability
COMPLIANT
Fast response time
Mechanical Data
Case: DO-15 molded plastic
Polarity: Color band denotes cathode
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
Use in sensitive electronics protection against voltage
transients induced by inductive load switching
and lighting on ICs,MOSFET。
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Unit
Peak pulse power dissipation with a 10/1000μs waveform
PPPM
W
Peak pulse current with a waveform
IPPM
W
Maximum Instantaneous Forward Voltage
at 50A for Unidirectional Devices Only (Note 3)
Typical Thermal Resistance Junction to Lead
RθJL
℃/W
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Power dissipation on infinite hea sink at TL=75℃
PD
W
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
Notes: 1. Non-repetitive current pulse ,per Fig. 3 and derated above TA=25℃ per Fig. 1.
2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only).
3. VF=3.5V on P6KE6.8G thru P6KE200AG devices and VF=5.0V on P6KE220AG thru P6KE400AG devices.
P6KEG*-A-00-00
Rev. 11, 18-May-2020
Package Outline Dimensions in Inches (Millimeters)
P6KEG SERIES
Unidirectional and Bidirectional Transient
Voltage Suppressors
Reverse Voltage 6.8 - 600 Volts
Power Dissipation - 600 Watts
Pb
www.hygroup.com.tw
Value
IFSM
100
A
See Next Table
600
-55 to + 150
-55 to + 150
VF
See Note 3
℃/W
20
5
75


Número de pieza similar - P6KEG33CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE WTE-P6KE Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results

Descripción similar - P6KEG33CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10C HY-P6KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
P4KEG HY-P4KEG Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com