Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P6KEG33CA Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

No. de pieza P6KEG33CA
Descripción Electrónicos  Unidirectional and Bidirectional Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P6KEG33CA Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  P6KEG33CA Datasheet HTML 1Page - HY ELECTRONIC CORP. P6KEG33CA Datasheet HTML 2Page - HY ELECTRONIC CORP. P6KEG33CA Datasheet HTML 3Page - HY ELECTRONIC CORP. P6KEG33CA Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves
P6KEG SERIES
The curve above is for reference only.
P6KEG*-A-00-00
Rev. 11, 18-May-2020
0
20
40
60
80
100
120
1
10
100
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
TJ=TJmax
8.3mS Single Half Sine-Wave (JEDEC
Method)
0
25
50
75
100
0
25
50
75
100
125
150
Fig. 1 - Maximum Non-Repetitive Peak Forwaed Surge Current
Fig. 5 - Pulse Rating Curve
0.1
1
10
100
0.1
1
10
100
1000
10000
TA=25℃
Non-Repetive Pulse Wave Form
Shown in
Fig. 3
TP, Pulse Waveform
10
100
1000
10000
1
10
100
1000
Fig.4- Typical Junction Capacitance
Stand-off voltage (V)
Measured at Stand-off
Voltage (VRWM)
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig. 3 - Pulse Waveform
T, Time (ms)
Pulse With (Tp) is Defined
as that Point Where the
Peak Current Decays to
50% of IRSM.
10/1000 us Waveform as
Defined by R.E.A
TJ=25℃
TP
Peak value(I
RSM)
Half value =
IRSM
2
TR=10us
TJ=25℃
0
1
2
3
4
5
6
0
25
50
75
100
125
150
Fig. 6 - Steady State Power Derating Curve
Ambient Temperature (℃)
Lead Temperature (℃)


Número de pieza similar - P6KEG33CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE WTE-P6KE Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results

Descripción similar - P6KEG33CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10 HY-1-5KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10C HY-P6KE10C_17 Datasheet
143Kb / 5P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
P4KEG HY-P4KEG Datasheet
472Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com