Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MM3411Z17 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

No. de pieza MM3411Z17
Descripción Electrónicos  200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUMI [Mitsumi Electronics, Corp.]
Página de inicio  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3411Z17 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM3411Z17 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
200mA LDO MM3411 Series
Electrical Characteristics 1 (Except where noted otherwise VDD=VOUT(TYP.)+1V, VCE=VDD, Ta=25°C)
Note5 : The parameter is guaranteed by design.
Recommended Operating Conditions (Except where noted otherwise Ta=25°C)
Item
Symbol
Ratings
Units
Operating Ambient Temperature
Topr
-40~+85
°C
Operating Voltage
Vop
1.8~6.5
V
Output Current
Iop
0~200
mA
Item
Symbol
Measurement conditions
Min.
Typ. Max. Units
Input Current(OFF)
IDDOff
VCE=0V
0.01
1.0
µA
No-Load Input Current
IDD
IOUT=0mA
25
40
µA
Output Voltage
VOUT
IOUT=10mA (VOUT
2.00V)
0.99
1.01
V
IOUT=10mA (VOUT 2.00V)
-0.02
+0.02
V
Line Regulation
VLINE
VOUT (TYP.)+0.5 V VDD 6.5V
VOUT 1.10V, IOUT=10mA
0.01
0.10
%/V
VOUT (TYP.)+1.0V VDD 6.5V
VOUT 1.05V, IOUT=10mA
Load Regulation 1
VLOAD1
1mA IOUT 150mA
10
40
mV
Load Regulation 2
VLOAD2
1mA IOUT 200mA
20
60
mV
Dropout Voltage
Vio
Please refer to another page
V
Ripple Rejection (Note5)
RR
f=1kHz, Vripple=0.5V, IOUT=10mA
70
dB
VOUT Temperature Coefficient (Note5)
VOUT / T
IOUT=10mA, -40 Top 85°C
±100
ppm/°C
Output Current Limit
Ilim
200
350
mA
Output Short-Circuit Current (Note5)
Ishort
VOUT=0V
20
mA
CE High Threshold Voltage
VCEH
1.5
VDD
V
CE Low Threshold Voltage
VCEL
0.3
V
CE High Threshold Current
ICEH
-1.0
+1.0
µA
CE Low Threshold Current
ICEL
-1.0
+1.0
µA
CL Discharge Resistance (Note5)
Rdisc
VCE=0V, VDD=6V
10


Número de pieza similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
500mA Regulator IC
More results

Descripción similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1266 MICROCHIP-TC1266 Datasheet
519Kb / 16P
200mA PCI LDO
2002
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
Negative output 200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com