Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MM3411Z17 Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

No. de pieza MM3411Z17
Descripción Electrónicos  200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUMI [Mitsumi Electronics, Corp.]
Página de inicio  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3411Z17 Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button MM3411Z17 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 12Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
200mA LDO MM3411 Series
Model No.
Item
Output Voltage
Dropout Voltage
VOUT (V)
VOUT (V)
Measurement Conditions
Min.
Typ.
Max.
Measurement Conditions
Min.
Typ.
Max.
MM3411A08
IOUT=10mA
0.780
0.800
0.820
IOUT=200mA
0.8V VOUT 1.9V
(Note7)
1.00
1.15
MM3411A09
0.880
0.900
0.920
MM3411A10
0.980
1.000
1.020
0.90
1.04
MM3411A11
1.080
1.100
1.120
MM3411A12
1.180
1.200
1.220
MM3411A13
1.280
1.300
1.320
0.78
0.90
MM3411A14
1.380
1.400
1.420
MM3411A15
1.480
1.500
1.520
MM3411A16
1.580
1.600
1.620
0.67
0.77
MM3411A17
1.680
1.700
1.720
MM3411A18
1.780
1.800
1.820
MM3411A19
1.880
1.900
1.920
IOUT=200mA
1.9V VOUT 5.0V
VDD=VOUT (TYP.) -0.2V
0.62
0.72
MM3411A20
1.980
2.000
2.020
MM3411A21
2.079
2.100
2.121
MM3411A22
2.178
2.200
2.222
MM3411A23
2.277
2.300
2.323
MM3411A24
2.376
2.400
2.424
MM3411A25
2.475
2.500
2.525
0.40
0.50
MM3411A26
2.574
2.600
2.626
MM3411A27
2.673
2.700
2.727
MM3411A28
2.772
2.800
2.828
MM3411A29
2.871
2.900
2.929
MM3411A30
2.970
3.000
3.030
MM3411A31
3.069
3.100
3.131
MM3411A32
3.168
3.200
3.232
MM3411A33
3.267
3.300
3.333
MM3411A34
3.366
3.400
3.434
MM3411A35
3.465
3.500
3.535
0.30
0.40
MM3411A36
3.564
3.600
3.636
MM3411A37
3.663
3.700
3.737
MM3411A38
3.762
3.800
3.838
MM3411A39
3.861
3.900
3.939
MM3411A40
3.960
4.000
4.040
MM3411A41
4.059
4.100
4.141
MM3411A42
4.158
4.200
4.242
MM3411A43
4.257
4.300
4.343
MM3411A44
4.356
4.400
4.444
MM3411A45
4.455
4.500
4.545
0.25
0.34
MM3411A46
4.554
4.600
4.646
MM3411A47
4.653
4.700
4.747
MM3411A48
4.752
4.800
4.848
MM3411A49
4.851
4.900
4.949
MM3411A50
4.950
5.000
5.050
Electrical Characteristics 3 (Except where noted otherwise VDD=VOUT(TYP.)+1V, VCE=VDD, Ta=25°C)
Note7 : Dropout voltage maximum value in the input and it is confirmed that there is no output abnormal
voltage impression the 200mA in the model less than VOUT<1.9V.


Número de pieza similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
500mA Regulator IC
More results

Descripción similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1266 MICROCHIP-TC1266 Datasheet
519Kb / 16P
200mA PCI LDO
2002
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
Negative output 200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com