Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MM3411Z17 Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

No. de pieza MM3411Z17
Descripción Electrónicos  200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUMI [Mitsumi Electronics, Corp.]
Página de inicio  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3411Z17 Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM3411Z17 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 13Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
200mA LDO MM3411 Series
Model No.
Item
Output Voltage
Dropout Voltage
VOUT (V)
VOUT (V)
Measurement Conditions
Min.
Typ.
Max.
Measurement Conditions
Min.
Typ.
Max.
MM3411Z08
IOUT=10mA
0.830
0.850
0.870
IOUT=200mA
0.8V VOUT 1.9V
(Note7)
1.00
1.15
MM3411Z09
0.930
0.950
0.970
MM3411Z10
1.030
1.050
1.070
0.90
1.04
MM3411Z11
1.130
1.150
1.170
MM3411Z12
1.230
1.250
1.270
MM3411Z13
1.330
1.350
1.370
0.78
0.90
MM3411Z14
1.430
1.450
1.470
MM3411Z15
1.530
1.550
1.570
MM3411Z16
1.630
1.650
1.670
0.67
0.77
MM3411Z17
1.730
1.750
1.770
MM3411Z18
1.830
1.850
1.870
MM3411Z19
1.930
1.950
1.970
IOUT=200mA
1.9V VOUT 5.0V
VDD=VOUT (TYP.) -0.2V
0.62
0.72
MM3411Z20
2.030
2.050
2.071
MM3411Z21
2.129
2.150
2.172
MM3411Z22
2.228
2.250
2.273
MM3411Z23
2.327
2.350
2.374
MM3411Z24
2.426
2.450
2.475
MM3411Z25
2.525
2.550
2.576
0.40
0.50
MM3411Z26
2.624
2.650
2.677
MM3411Z27
2.723
2.750
2.778
MM3411Z28
2.822
2.850
2.879
MM3411Z29
2.921
2.950
2.980
MM3411Z30
3.020
3.050
3.081
MM3411Z31
3.119
3.150
3.182
MM3411Z32
3.218
3.250
3.283
MM3411Z33
3.317
3.350
3.384
MM3411Z34
3.416
3.450
3.485
MM3411Z35
3.515
3.550
3.586
0.30
0.40
MM3411Z36
3.614
3.650
3.687
MM3411Z37
3.713
3.750
3.788
MM3411Z38
3.812
3.850
3.889
MM3411Z39
3.911
3.950
3.990
MM3411Z40
4.010
4.050
4.091
MM3411Z41
4.109
4.150
4.192
MM3411Z42
4.208
4.250
4.293
MM3411Z43
4.307
4.350
4.394
MM3411Z44
4.406
4.450
4.495
MM3411Z45
4.505
4.550
4.596
0.25
0.34
MM3411Z46
4.604
4.650
4.697
MM3411Z47
4.703
4.750
4.798
MM3411Z48
4.802
4.850
4.899
MM3411Z49
4.901
4.950
5.000
Note7 : Dropout voltage maximum value in the input and it is confirmed that there is no output abnormal
voltage impression the 200mA in the model less than VOUT<1.9V.


Número de pieza similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
500mA Regulator IC
More results

Descripción similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1266 MICROCHIP-TC1266 Datasheet
519Kb / 16P
200mA PCI LDO
2002
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
Negative output 200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com