Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MM3411Z17 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

No. de pieza MM3411Z17
Descripción Electrónicos  200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUMI [Mitsumi Electronics, Corp.]
Página de inicio  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3411Z17 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3411Z17 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3411Z17 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
200mA LDO MM3411 Series
200mA LDO
Monolithic IC MM3411 Series
Features
1. Maximum operating voltage
6.5V
2. Output current
200mA
3. No load input current
25µA typ.
4. Input current (OFF)
1µA max.
5. Output voltage range
0.8~5.0V
6. Output voltage accuracy
±1%
7. Dropout voltage
0.40V typ. (IOUT=200mA)
8. Line regulation
±0.1%/V max.
9. Load regulation
60mV max.(IOUT=1~200mA)
10. Ripple rejection
70dB typ. (f=1kHz)
11. Output Capacitor
0.47µF
12. ON/OFF control
Package
SC-82ABB
SOT-25A
Outline
This IC is a 200mA Low dropout regulator IC with Rush current protection circuit.
No load input current is 25µA typ., and it reduce drop voltage for high speed response.
Rush current protection circuit can control rush current.
Applications
1. Mobile phone, Smart phone
2. Digital camera
3. Game equipment
4. Tablet


Número de pieza similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
500mA Regulator IC
More results

Descripción similar - MM3411Z17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1266 MICROCHIP-TC1266 Datasheet
519Kb / 16P
200mA PCI LDO
2002
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
Negative output 200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com