| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS320F2810PBKA Datasheet(PDF) 142 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2810PBKA Datasheet(HTML) 142 Page - Texas Instruments |
|
142 / 173 page ![]() X2 X1/XCLKIN On-Chip Oscillator (OSC) PLL Bypass /2 XF_XPLLDIS OSCCLK (PLL Disabled) Latch XPLLDIS XRS PLL 4-Bit PLL Select SYSCLKOUT 1 0 CLKIN CPU 4-Bit PLL Select XCLKIN PLL Block 142 TMS320F2810, TMS320F2811, TMS320F2812 SPRS174U – APRIL 2001 – REVISED JULY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: TMS320F2810 TMS320F2811 TMS320F2812 Detailed Description Copyright © 2001–2019, Texas Instruments Incorporated 6.9 OSC and PLL Block Figure 6-20 shows the OSC and PLL block on F281x. Figure 6-20. OSC and PLL Block The on-chip oscillator circuit enables a crystal to be attached to the F281x devices using the X1/XCLKIN and X2 pins. If a crystal is not used, then an external oscillator can be directly connected to the X1/XCLKIN pin and the X2 pin is left unconnected. The logic-high level in this case should not exceed VDD. The PLLCR bits [3:0] set the clocking ratio. |