| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7LITE3 Datasheet(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE3 Datasheet(HTML) 104 Page - STMicroelectronics |
|
104 / 167 page ![]() ST7LITE3 104/167 LINSCI ™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (Cont’d) Figure 57. LIN characters Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Start Bit Stop Bit Next Start Bit Idle Line Start Bit 8-bit Word length (M bit is reset) LIN Synch Break = 13 low bits Start Bit Extra ’1’ Data Character Next Data Character Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Start Bit Stop Bit Next Start Bit LIN Synch Field LIN Synch Field Measurement for baud rate autosynchronization |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |