Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G474VCU6XXX Datasheet(PDF) 101 Page - STMicroelectronics

No. de pieza STM32G474VCU6XXX
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCU6XXX Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32G474VCU6XXX Datasheet HTML 97Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 98Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 99Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 100Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 101Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 102Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 103Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 104Page - STMicroelectronics STM32G474VCU6XXX Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 236 page
background image
1. Reduced code used for characterization results provided in Table 21, Table 23.
Table 28. Current consumption in Sleep and Low-power sleep mode Flash ON
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Sleep)
Supply current
in sleep mode
fHCLK = fHSE
up to 48 MHz
included, bypass
mode PLL ON
above 48 MHz all
peripherals disable
Range 2
26 MHz
0.98
1.1
1.75
2.4
3.75
1.90
3.50
7.60
13.0
19.0
mA
16 MHz
0.67
0.835 1.45
2.15
3.5
1.50
3.00
7.10
12.0
19.0
8 MHz
0.44
0.605 1.25
2
3.35
1.10
2.70
6.70
12.0
19.0
4 MHz
0.33
0.5
1.1
1.9
3.25
0.860 2.50
6.50
12.0
18.0
2 MHz
0.27
0.445 1.05
1.85
3.2
0.760 2.40
6.40
11.0
18.0
1 MHz
0.24
0.415 1.05
1.8
3.15
0.720 2.30
6.40
11.0
18.0
100 KHz
0.21
0.385 0.995
1.8
3.1
0.670 2.30
6.30
11.0
18.0
Range 1
Boost
mode
170 MHz
6.60
6.95
7.8
8.9
10.5
8.00
12.0
18.0
24.0
33.0
Range 1
150 MHz
5.50
5.8
6.55
7.55
9.25
6.40
9.50
15.0
21.0
29.0
120 MHz
4.50
4.75
5.5
6.55
8.2
5.40
8.20
14.0
20.0
28.0
80 MHz
3.15
3.45
4.2
5.15
6.8
4.50
6.60
12.0
18.0
26.0
72 MHz
2.85
3.15
3.9
4.9
6.55
4.20
6.30
12.0
18.0
26.0
64 MHz
2.60
2.9
3.65
4.6
6.3
3.50
6.00
12.0
18.0
26.0
48 MHz
1.90
2.2
3
3.65
5.3
3.20
5.30
11.0
17.0
25.0
32 MHz
1.40
1.65
2.4
3.2
4.85
2.70
4.80
11.0
17.0
25.0
24 MHz
1.10
1.35
2.1
3
4.65
2.30
4.50
9.80
16.0
25.0
16 MHz
0.83
1.1
1.85
2.75
4.35
1.90
4.10
9.40
16.0
24.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com