| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VD6640 Datasheet(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD6640 Datasheet(HTML) 101 Page - STMicroelectronics |
|
101 / 126 page ![]() DocID023597 Rev 11 101/126 VG6640, VD6640 Application 125 11.1.2 Example stereo synchronized cameras application Figure 33 shows two synchronized image sensors used in conjunction with a companion device. In this example the image sensors are shown: • clocked by its own crystal; • with the companion device handling a common synchronization of both image sensors; • with VCORE supplied externally; • using the parallel (ITU) output interface (the CSI2 output interface is in a high- impedance state). Note: The settings described above are for example only, other settings may be used in a Stereo synchronized cameras application. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |