| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G474VB Datasheet(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474VB Datasheet(HTML) 111 Page - STMicroelectronics |
|
111 / 236 page ![]() DS12288 Rev 4 111/236 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 On-chip peripheral current consumption The current consumption of the on-chip peripherals is given in Table 35. The MCU is placed under the following conditions: • All I/O pins are in Analog mode • The given value is calculated by measuring the difference of the current consumptions: – when the peripheral is clocked on – when the peripheral is clocked off • Ambient operating temperature and supply voltage conditions summarized in Table 14: Voltage characteristics • The power consumption of the digital part of the on-chip peripherals is given in Table 35. The power consumption of the analog part of the peripherals (where applicable) is indicated in each related section of the datasheet. Table 35. Peripheral current consumption Bus Peripheral Range 1 Boost mode Range 1 Normal mode Range 2 Low-power run and sleep Unit - Bus Matrix 6.12 5.69 4.70 6.11 µA/MHz AHB1 to APB1 bridge 0.26 0.25 0.22 0.03 AHB1 to APB2 bridge 0.39 0.37 0.32 0.03 FSMC 10.21 9.52 7.87 10.28 QUADSPI 3.51 3.27 2.69 3.51 AHB1 CORDIC 1.28 1.19 0.98 0.78 µA/MHz CRC 0.74 0.68 0.57 0.63 DMA 1 2.83 2.64 2.17 2.75 DMA 2 3.11 2.90 2.39 2.43 DMAMUX 6.71 6.26 5.17 6.68 SRAM1 0.58 0.54 0.44 0.54 FLASH 6.46 6.01 4.95 6.15 FMAC 4.59 4.29 3.57 3.83 |