| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DC23D Datasheet(PDF) 405 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC23D Datasheet(HTML) 405 Page - Microchip Technology |
|
405 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 405 PIC24FJ256GA705 FAMILY INDEX A A/D Achieving Maximum Performance ............................ 291 Control Registers ...................................................... 290 Extended DMA Operations ....................................... 289 Operation .................................................................. 287 Transfer Functions 10-Bit ................................................................ 307 12-Bit ................................................................ 306 AC Characteristics A/D Conversion Timing Requirements...................... 377 A/D Specifications..................................................... 376 and Timing Parameters............................................. 371 Capacitive Loading on Output Pins........................... 371 CLKO and I/O Timing Requirements ........................ 374 External Clock Timing Requirements........................ 372 Internal RC Accuracy ................................................ 373 Load Conditions for Device Timing ........................... 371 Phase-Locked Loop Mode Specifications................. 373 RC Oscillator Start-up Time ...................................... 373 Reset and Brown-out Reset Requirements .............. 375 Analog/Digital Pins Configuration During ICSP .................. 34 Assembler MPASM Assembler................................................... 346 B Block Diagrams 12-Bit A/D Converter................................................. 288 12-Bit A/D Converter Analog Input Model................. 305 16-Bit Asynchronous Timer3..................................... 163 16-Bit Synchronous Timer2 ...................................... 163 16-Bit Timer1 Module................................................ 159 32-Bit Timer Mode .................................................... 186 Access Program Memory Using Table Instructions ............................................... 60 Addressing for Table Registers................................... 71 Buffer Address Generation in PIA Mode................... 292 CALL Stack Frame...................................................... 57 CLCx Input Source Selection.................................... 279 CLCx Logic Function Combinatorial Options ............ 278 CLCx Module ............................................................ 277 Comparator Voltage Reference ................................ 315 Conceptual MCCPx Module...................................... 183 CPU Programmer’s Model .......................................... 37 CRC Module ............................................................. 271 CRC Shift Engine Detail............................................ 271 CTMU Connections and Internal Configuration for Capacitance Measurement ............................... 318 CTMU Typical Connections and Internal Configuration for Pulse Delay Generation ........ 319 CTMU Typical Connections and Internal Configuration for Time Measurement ............... 319 Data Access from Program Space Address Generation............................................ 59 DMA Module ............................................................... 63 Dual 16-Bit Timer Mode ............................................ 185 EDS Address Generation for Read Operations .......... 55 EDS Address Generation for Write Operations .......... 56 High/Low-Voltage Detect (HLVD) ............................. 327 I2Cx Module.............................................................. 222 Individual Comparator Configurations, CREF = 0 .......................................................... 310 Individual Comparator Configurations, CREF = 1, CVREFP = 0................................... 310 Individual Comparator Configurations, CREF = 1, CVREFP = 1................................... 311 Input Capture x Module .................................... 167, 188 MCLR Pin Connection Example ................................. 30 On-Chip Regulator Connections............................... 341 Oscillator Circuit Placement ....................................... 33 Output Compare x (16-Bit Mode) ............................. 174 Output Compare x (Double-Buffered,....................... 176 Output Compare x Module ....................................... 187 PIC24F CPU Core ...................................................... 36 PIC24FJ256GA705 Family (General)......................... 19 PLL Module .............................................................. 108 PSV Operation (Lower Word)..................................... 62 PSV Operation (Upper Word)..................................... 62 Recommended Minimum Connections....................... 29 Reset System ............................................................. 79 RTCC Module........................................................... 252 Shared I/O Port Structure ......................................... 125 SPIx Master, Frame Master Connection .................. 219 SPIx Master, Frame Slave Connection .................... 220 SPIx Master/Slave Connection (Enhanced Buffer Modes)................................. 218 SPIx Master/Slave Connection (Standard Mode) ........ 217 SPIx Module (Enhanced Mode)................................ 203 SPIx Slave, Frame Master Connection .................... 220 SPIx Slave, Frame Slave Connection ...................... 220 System Clock.............................................................. 97 Timer Clock Generator ............................................. 184 Timer2/3 (32-Bit)....................................................... 162 Triple Comparator Module........................................ 309 UARTx (Simplified) ................................................... 230 Watchdog Timer (WDT)............................................ 343 C C Compilers MPLAB C18.............................................................. 346 Capture/Compare/PWM/Timer Auxiliary Output ........................................................ 189 General Purpose Timer ............................................ 185 Input Capture Mode.................................................. 188 Output Compare Mode ............................................. 186 Synchronization Sources.......................................... 193 Time Base Generator ............................................... 184 Capture/Compare/PWM/Timer (MCCP) ........................... 183 Charge Time Measurement Unit. See CTMU. CLC Control Registers...................................................... 280 Module-Specific Input Sources................................. 283 Code Examples Basic Clock Switching .............................................. 107 Configuring UART1 Input/Output Functions ............. 140 Double-Word Flash Programming (C Language) ....... 78 EDS Read from Program Memory in Assembly ......... 61 EDS Read in Assembly .............................................. 55 EDS Write in Assembly .............................................. 56 Erasing a Program Memory Block (C Language)....... 75 Initiating a Programming Sequence ........................... 76 IOC Status Read/Clear in Assembly ........................ 128 Port Read/Write in Assembly.................................... 128 Port Read/Write in C................................................. 128 PWRSAV Instruction Syntax .................................... 113 Setting the WRLOCK Bit .......................................... 253 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |