| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DC23D Datasheet(PDF) 132 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC23D Datasheet(HTML) 132 Page - Microchip Technology |
|
132 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 132 2016-2018 Microchip Technology Inc. REGISTER 11-7: ANSELx: ANALOG SELECT FOR PORTx REGISTER(1) R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 ANSELx<15:8> bit 15 bit 8 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 ANSELx<7:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-0 ANSELx<15:0>: Analog Select for PORTx bits 1 = Analog input is enabled and digital input is disabled on the PORTx[n] pin 0 = Analog input is disabled and digital input is enabled on the PORTx[n] pin Note 1: See Table 11-3, Table 11-4 and Table 11-5 for individual bit availability in this register. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |