| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DC23C Datasheet(PDF) 400 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC23C Datasheet(HTML) 400 Page - Microchip Technology |
|
400 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 400 2016-2018 Microchip Technology Inc. C SEATING PLANE For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Microchip Technology Drawing C04-300-PT Rev A Sheet 1 of 2 48-Lead Thin Quad Flatpack (PT) - 7x7x1.0 mm Body [TQFP] TOP VIEW E E1 D 0.20 H A-B D 4X D1 2 12 A B A A D D1 A1 A H 0.10 C 0.08 C SIDE VIEW N 0.20 C A-B D 48X TIPS E1 4 D1 4 A2 E1 2 e 48x b 0.08 C A-B D NOTE 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |