Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NTPAD160LD6A0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

No. de pieza NTPAD160LD6A0
Descripción Electrónicos  NTC for Inrush Current Suppression
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

NTPAD160LD6A0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  NTPAD160LD6A0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd NTPAD160LD6A0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd NTPAD160LD6A0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
NTPAD160LD6A0
Note: This datasheet may be out of date.
Please download the latest datasheet of NTPAD160LD6A0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=NTPAD160LD6A0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated12/01/2022
Appearance & Shape
Applications
Limited Usage
Consumer Grade
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
A0
Ammo Pack
400
Features
1. Lead is not contained in the ceramic element, the terminations,
the solder for inner connection and the coating resin.
2. Most suitable for power supplies of less than 100W
3. Excellent recovery characteristics due to resin coating with
excellent heat characteristics
1 of 3


Número de pieza similar - NTPAD160LD6A0_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
NTPAD160LD6A0 MURATA1-NTPAD160LD6A0_V02 Datasheet
368Kb / 3P
Temperature Sensors
01/31/2024
More results

Descripción similar - NTPAD160LD6A0_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
NTPA64R7LB1A0 MURATA1-NTPA64R7LB1A0_V01 Datasheet
332Kb / 3P
NTC for Inrush Current Suppression
12/01/2022
NTPA7160LBMB0 MURATA1-NTPA7160LBMB0_V01 Datasheet
331Kb / 3P
NTC for Inrush Current Suppression
12/01/2022
NTPA95R0LB1A0 MURATA1-NTPA95R0LB1A0_V01 Datasheet
319Kb / 3P
NTC for Inrush Current Suppression
12/01/2022
NTPAA100LD6A0 MURATA1-NTPAA100LD6A0_V01 Datasheet
321Kb / 3P
NTC for Inrush Current Suppression
12/01/2022
NTPAA2R2LDNB0 MURATA1-NTPAA2R2LDNB0_V01 Datasheet
342Kb / 3P
NTC for Inrush Current Suppression
12/01/2022
NTPAA3R9LDNB0 MURATA1-NTPAA3R9LDNB0_V01 Datasheet
342Kb / 3P
NTC for Inrush Current Suppression
12/01/2022
NTPAA5R1LDNB0 MURATA1-NTPAA5R1LDNB0_V01 Datasheet
342Kb / 3P
NTC for Inrush Current Suppression
12/01/2022
NTPAD160LDNB0 MURATA1-NTPAD160LDNB0_V01 Datasheet
344Kb / 3P
NTC for Inrush Current Suppression
12/05/2022
NTPAJ6R0LDKB0 MURATA1-NTPAJ6R0LDKB0_V01 Datasheet
355Kb / 3P
NTC for Inrush Current Suppression
12/05/2022
NTPAN4R0LDKB0 MURATA1-NTPAN4R0LDKB0_V01 Datasheet
355Kb / 3P
NTC for Inrush Current Suppression
12/05/2022
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com