Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8538SCA21V81FF4T Datasheet(PDF) 2 Page - Schneider Electric

No. de pieza 8538SCA21V81FF4T
Descripción Electrónicos  NEMA Fusible Disconnect Switch Combination Starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8538SCA21V81FF4T Datasheet(HTML) 2 Page - Schneider Electric

  8538SCA21V81FF4T Datasheet HTML 1Page - Schneider Electric 8538SCA21V81FF4T Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
45.00 lb(US) (20.412 kg)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Not compliant
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Contractual warranty
Warranty
18 months
Recommended replacement(s)
2
Feb 6, 2023


Número de pieza similar - 8538SCA21V81FF4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
8538SCA21V81AFF4T SCHNEIDER-8538SCA21V81AFF4T Datasheet
111Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 23, 2023
8538SCA21V81CFF4P92T SCHNEIDER-8538SCA21V81CFF4P92T Datasheet
110Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 23, 2023
8538SCA21V81CFF4T SCHNEIDER-8538SCA21V81CFF4T Datasheet
111Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 23, 2023
More results

Descripción similar - 8538SCA21V81FF4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
8538SBW13V02S SCHNEIDER-8538SBW13V02S Datasheet
116Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCG14V02S SCHNEIDER-8538SCG14V02S Datasheet
98Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCG14V81CFF4P1TX11 SCHNEIDER-8538SCG14V81CFF4P1TX11 Datasheet
110Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCW11V02S SCHNEIDER-8538SCW11V02S Datasheet
116Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCW11V81CF4T11 SCHNEIDER-8538SCW11V81CF4T11 Datasheet
132Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SDA24V02S SCHNEIDER-8538SDA24V02S Datasheet
105Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SDA44V81F4T SCHNEIDER-8538SDA44V81F4T Datasheet
104Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SDASP6 SCHNEIDER-8538SDASP6 Datasheet
107Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCG14V81F4T SCHNEIDER-8538SCG14V81F4T Datasheet
97Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCW14V81CFF4T SCHNEIDER-8538SCW14V81CFF4T Datasheet
133Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com