| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KSZ9567RTXI Datasheet(PDF) 111 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9567RTXI Datasheet(HTML) 111 Page - Microchip Technology |
|
111 / 232 page ![]() 2017-2019 Microchip Technology Inc. DS00002329D-page 111 KSZ9567R 5.1.5.10 ALU / Static Address Table Entry 1 Register This register contains the table entry values for read and write operations to the Address Lookup Table and Static Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 1 Register on page 191 • Static Address Table Entry 1 Register on page 193 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188 and Section 5.3.2, "Static Address Table," on page 192 for additional information. 5.1.5.11 ALU / Static Address / Reserved Multicast Table Entry 2 Register The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 2 Register on page 191 • Static Address Table Entry 2 Register on page 193 • Reserved Multicast Address Table Entry 2 Register on page 195 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188, Section 5.3.2, "Static Address Table," on page 192, and Section 5.3.3, "Reserved Multicast Address Table," on page 194 for additional information. 5.1.5.12 ALU / Static Address Table Entry 3 Register The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 3 Register on page 192 • Static Address Table Entry 3 Register on page 194 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188 and Section 5.3.2, "Static Address Table," on page 192 for additional information. 5.1.5.13 ALU / Static Address Table Entry 4 Register This register contains the table entry values for read and write operations to the Address Lookup Table and Static Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following sections: • ALU Table Entry 4 Register on page 192 • Static Address Table Entry 4 Register on page 194 Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 188 and Section 5.3.2, "Static Address Table," on page 192 for additional information. Address: 0x0420 - 0x0423 Size: 32 bits Address: 0x0424 - 0x0427 Size: 32 bits Address: 0x0428 - 0x042B Size: 32 bits Address: 0x042C - 0x042F Size: 32 bits |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |