Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 5 Page - Texas Instruments

  TCAN3413 Datasheet HTML 1Page - Texas Instruments TCAN3413 Datasheet HTML 2Page - Texas Instruments TCAN3413 Datasheet HTML 3Page - Texas Instruments TCAN3413 Datasheet HTML 4Page - Texas Instruments TCAN3413 Datasheet HTML 5Page - Texas Instruments TCAN3413 Datasheet HTML 6Page - Texas Instruments TCAN3413 Datasheet HTML 7Page - Texas Instruments TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
6.5 Thermal Characteristics (continued)
THERMAL METRIC(1)
TCAN3413/3414
UNIT
D (SOIC)
DDF (SOT)
DRB (VSON)
RΘJB
Junction-to-board thermal resistance
58.0
45.7
23.2
℃/W
ΨJT
Junction-to-top characterization parameter
7.0
1.3
1.4
℃/W
ΨJB
Junction-to-board characterization parameter
57.1
45.4
23.2
℃/W
RΘJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
7.7
℃/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Supply Characteristics
parameters valid over recommended operating conditions with -40
℃ ≤ TJ ≤ 150℃ (Typical values are at VCC = 3.3 V; VIO =
3.3 V for TCAN3413, Device ambient maintained at 27
℃) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current normal
mode (TCAN3414)
Dominant
TXD = 0 V, STB = 0 V
RL = 60 Ω, CL = open
See Figure 7-1
TBD
55
mA
Dominant
TXD = 0 V, STB = 0 V
RL = 50 Ω, CL = open
See Figure 7-1
TBD
60
mA
Recessive
TXD = VCC, STB = 0 V
RL = 50 Ω, CL = open
See Figure 7-1
TBD
8.2
mA
ICC
Supply current normal
mode (TCAN3414)
Dominant with
bus fault
TXD = 0 V, STB = 0 V
CANH = CANL = ±25 V
RL = open, CL = open
See Figure 7-1
130
mA
Supply current standby mode (TCAN3413)
TXD = STB = VIO, RL = 50 Ω, CL = open,
TJ <= 85 °C, See Figure 7-1
TBD
2
µA
TXD = STB = VIO, RL = 50 Ω, CL = open,
TJ <= 125 °C, See Figure 7-1
TBD
3
TXD = STB = VIO, RL = 50 Ω, CL = open,
TJ <= 150 °C, See Figure 7-1
TBD
4
Supply current standby mode (TCAN3414)
TXD = STB = VCC, RL = 50 Ω, CL = open,
TJ <= 85 °C, See Figure 7-1
TBD
15
µA
TXD = STB = VCC, RL = 50 Ω, CL = open,
TJ <= 125 °C, See Figure 7-1
TBD
16
TXD = STB = VCC, RL = 50 Ω, CL = open,
TJ <= 150 °C, See Figure 7-1
TBD
17
IIO (only
for
TCAN34
13)
I/O supply current normal
mode
Dominant
TXD = 0 V, STB = 0 V
RL = 60 Ω, CL = open
RXD floating
125
300
µA
recessive
TXD = VIO, STB = 0 V
RL = 60 Ω, CL = open
RXD floating
25
48
I/O supply current standby mode
TXD = VIO, STB = VIO
RL = 60 Ω, CL = open
RXD floating, TJ <= 85 °C
9
13
TXD = VIO, STB = VIO
RL = 60 Ω, CL = open
RXD floating, TJ <= 125 °C
9
14
TXD = VIO, STB = VIO
RL = 60 Ω, CL = open
RXD floating, TJ <= 150 °C
9
15
ICC
Supply current (VCC pin current), shutdown
mode (TCAN3414)
SHDN = VCC, RXD floating, TXD =
VCC, TJ <= 85 °C
2
µA
SHDN = VCC, RXD floating, TXD =
VCC, TJ <= 150 °C
5
UVCC(R)
Undervoltage detection VCC rising
Ramp up
2.75
2.9
V
UVCC(F)
Undervoltage detection on VCC falling
Ramp down
2.5
2.65
www.ti.com
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
   CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com