Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 2Page - Texas Instruments TCAN3413 Datasheet HTML 3Page - Texas Instruments TCAN3413 Datasheet HTML 4Page - Texas Instruments TCAN3413 Datasheet HTML 5Page - Texas Instruments TCAN3413 Datasheet HTML 6Page - Texas Instruments TCAN3413 Datasheet HTML 7Page - Texas Instruments TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments TCAN3413 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6.6 Supply Characteristics (continued)
parameters valid over recommended operating conditions with -40
℃ ≤ TJ ≤ 150℃ (Typical values are at VCC = 3.3 V; VIO =
3.3 V for TCAN3413, Device ambient maintained at 27
℃) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHYS
(UVCC)
Hysteresis voltage on UVCC
140
mV
UVIO(R)
Undervoltage detection VIO rising (TCAN3413) Ramp up
1.6
1.65
V
UVIO(F)
Undervoltage detection on VIO
falling (TCAN3413)
Ramp down
1.4
1.5
VHYS(UVI
O)
Hysteresis voltage on UVIO
100
mV
6.7 Dissipation Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Average power dissipation
Normal mode
VCC = 3.3 V, TJ = 27°C, RL = 60Ω, CL_RXD = 15
pF
TXD input = 250 kHz 50% duty cycle square
wave
60
mW
VCC = 3.6 V, TJ = 150°C, RL = 50Ω, CL_RXD = 15
pF
TXD input = 2.5 MHz 50% duty cycle square
wave
120
mW
TTSD
Thermal shutdown temperature
192
°C
TTSD_HYS
Thermal shutdown hysteresis
10
6.8 Electrical Characteristics
parameters valid over recommended operating conditions with -40
℃ ≤ TJ ≤ 150℃ (Typical values are at VCC = 3.3 V, VIO =
3.3 V for TCAN3403, Device ambient maintained at 27
℃) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Driver Electrical Characteristics
VO(DOM)
Dominant output voltage
normal mode
CANH
TXD = 0 V, STB, SHDN = 0 V
50 Ω ≤ RL ≤ 65 Ω, CL = open
See Figure 7-2 and Figure 8-3
2.25
VCC
V
CANL
0.5
1.25
V
VO(REC)
Recessive output voltage
normal mode
CANH and CANL
TXD = VIO, STB, SHDN = 0 V
RL = open (no load), CL = open
See Figure 7-2 and Figure 8-3
1.5
1.9
2.25
V
VSYM
Driver symmetry
{(VO(CANH) + VO(CANL))/(VO(REC_CANH) +
VO(REC_CANL)}
TXD = 250 kHz, 1 MHz, 2.5 MHz, STB,
SHDN = 0 V
RL = 60, CSPLIT = 4.7 nF, CL = open
See Figure 7-2 and Figure 9-2
0.9
1.1
V/V
VSYM_DC
DC output symmetry
(CANHREC + CANLREC - CANHDOM - CANLDOM)
STB, SHDN = 0 V
RL = 60 Ω, CL = open
See Figure 7-2 and Figure 8-3
–400
400
mV
VOD(DOM)
Differential output voltage
normal mode
Dominant
CANH - CANL
TXD = 0 V, STB. SHDN = 0 V
50 Ω ≤ RL ≤ 65 Ω, CL = open
See Figure 7-2 and Figure 8-3
1.5
3
V
TXD = 0 V, STB, SHDN = 0 V
45 Ω ≤ RL ≤ 70 Ω, CL = open
See Figure 7-2 and Figure 8-3
1.4
3
V
CANH - CANL
TXD = 0 V, STB, SHDN = 0 V
RL = 2240 Ω, CL = open
See Figure 7-2 and Figure 8-3
1.5
3.4
V
VOD(REC)
Differential output voltage
normal mode
Recessive
CANH - CANL
TXD = VIO, STB, SHDN = 0 V
RL = 60 Ω, CL = open
See Figure 7-2 and Figure 8-3
–120
12
mV
CANH - CANL
TXD = VIO, STB, SHDN = 0 V
RL = open, CL = open
See Figure 7-2 and Figure 8-3
–50
50
mV
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
   CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com