Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 1 Page - Texas Instruments

  TCAN3413 Datasheet HTML 1Page - Texas Instruments TCAN3413 Datasheet HTML 2Page - Texas Instruments TCAN3413 Datasheet HTML 3Page - Texas Instruments TCAN3413 Datasheet HTML 4Page - Texas Instruments TCAN3413 Datasheet HTML 5Page - Texas Instruments TCAN3413 Datasheet HTML 6Page - Texas Instruments TCAN3413 Datasheet HTML 7Page - Texas Instruments TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
1 Features
• 3.3 V Single supply operation
– Eliminates the 5 V regulator saving BOM cost
and reducing PCB space
• Compatible with the requirements of ISO
11898-2:2016 physical layer standard
• Support of classical CAN and optimized CAN FD
performance at 2, 5, and 8 Mbps
– Short and symmetrical propagation delays for
enhanced timing margin
• TCAN3413: I/O voltage range supports:
1.7 V to 3.6 V
• Receiver common mode input voltage: ±30 V
• Protection features:
– Bus fault protection: ±58 V
– Undervoltage protection
– TXD-dominant time-out (DTO)
– Thermal-shutdown protection (TSD)
• Operating modes:
– Normal mode
– Low power standby mode supporting remote
wake-up request
– Ultra-low power shutdown mode:
TCAN3414 only
• Optimized behavior when unpowered
– Bus and logic pins are high impedance (no load
to operating bus or application)
– Hot-plug capable: power up or down glitch-free
operation on bus and RXD output
• 8-Pin SOIC, small footprint SOT-23 and lead less
VSON-8 package with improved automated optical
inspection (AOI) capability
2 Applications
• Factory automation
• Grid Infrastructure
• Industrial transport
• Motor drives
3 Description
The TCAN3413 and TCAN3414 are controller area
network (CAN) FD transceivers that are compatible
with the physical layer requirements of the ISO
11898-2:2016 high-speed CAN specification.
The transceivers have certified electromagnetic
compatibility (EMC) operation for use with classical
CAN and CAN FD networks up to 5 megabits
per second (Mbps). Up to 8 Mbps operation in
simpler networks is possible with these devices. The
TCAN3413 includes internal logic level translation
through the VIO pin. Allowing the direct interface of the
transceiver I/O to 1.8-V, 2.5-V, or 3.3-V logic levels.
The transceivers support a low-power standby mode,
and a wake over CAN which is compliant to the ISO
11898-2:2016 defined wake-up pattern (WUP).
The transceivers include thermal-shutdown (TSD),
TXD-dominant time-out (DTO), supply undervoltage
detection, and ±58-V bus fault protection. The devices
have defined fail-safe behavior in supply undervoltage
or floating pin scenarios. The transceivers are
available in industry-standard SOIC-8, the VSON-8,
and a space-saving small footprint SOT-23 packages.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TCAN3413
TCAN3414
SOIC (D)
4.90 mm x 3.91 mm
VSON (DRB)
3.00 mm x 3.00 mm
SOT-23 (DDF)(2) 2.90 mm x 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Product Preview
Table 3-1. Device Information
Part Number
Pin 5
Pin 8
TCAN3414
Ultra-low power
shutdown mode
Low Power Standby
Mode with Remote
Wake
TCAN3413
Low voltage I/O support
TCAN3414
STB
RXD
TXD
CANH
CANL
VCC
Port x
RXD
TXD
3.3 V Voltage
Regulator
VIN
VOUT
GND
VIN
Optional:
Terminating Node
Optional: Filtering,
Transient and ESD
MCU
CAN FD
Controller
8
4
1
3
7
6
SHDN
5
VDD
Simplified Schematic
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
   CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com