Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments TCAN3413 Datasheet HTML 10Page - Texas Instruments TCAN3413 Datasheet HTML 11Page - Texas Instruments TCAN3413 Datasheet HTML 12Page - Texas Instruments TCAN3413 Datasheet HTML 13Page - Texas Instruments TCAN3413 Datasheet HTML 14Page - Texas Instruments TCAN3413 Datasheet HTML 15Page - Texas Instruments TCAN3413 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
TXD
RXD
VOH
VOL
70%
70%
30%
30%
30%
VI
0 V
500 mV
900 mV
VDIFF
RL
CANH
CANL
TXD
CL
VO
CL_RXD
RXD
VI
0 V STB
tBIT(RXD)
tLOOP2
tBIT(BUS)
tBIT(TXD)
5 x tBIT(TXD)
tLOOP1
+
±
Figure 7-4. Transmitter and Receiver Timing Test Circuit and Measurement
RL
CANH
CANL
TXD
CL
VO
CL_RXD
RXD
STB
VI
0V
tMODE
STB
RXD
VOH
VOL
VIH
0V
50%
50%
Figure 7-5. tMODE Test Circuit and Measurement
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
Texas Instruments
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com