Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 14 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 10Page - Texas Instruments TCAN3413 Datasheet HTML 11Page - Texas Instruments TCAN3413 Datasheet HTML 12Page - Texas Instruments TCAN3413 Datasheet HTML 13Page - Texas Instruments TCAN3413 Datasheet HTML 14Page - Texas Instruments TCAN3413 Datasheet HTML 15Page - Texas Instruments TCAN3413 Datasheet HTML 16Page - Texas Instruments TCAN3413 Datasheet HTML 17Page - Texas Instruments TCAN3413 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
8 Detailed Description
8.1 Overview
The TCAN341x devices are 3.3 V CAN FD transceivers with robust EMC performance. The devices are data
rate agnostic making them backward compatible for supporting classical CAN applications while also supporting
CAN FD networks up to 8 Mbps. The devices have standby mode support which puts the transceiver in
low current consumption mode. Upon receiving valid wake-up pattern on CAN bus, the device signals to the
micro-controller through the RXD pin. The MCU can then place the device in normal mode using STB pin.
TCAN3414 supports ultra-low power shutdown mode where most of the internal blocks are disabled. This
feature is optimized for battery-powered applications. TCAN3413 supports VIO pin for low voltage logic level
interface. It can be interfaced to 1.8 V, 2.5 V or 3.3 V micro controllers.
8.2 Functional Block Diagram
6
7
TSD
UVP
Mode Select
4
8
Logic Output
TXD
STB
RXD
CANH
CANL
GND
5
SHDN or VIO
3
VCC
1
2
VCC or VIO
VCC or VIO
Dominant
time-out
VCC or VIO
WUP Monitor
MUX
Low Power Receiver
Shutdown
Figure 8-1. Block Diagram
8.3 Feature Description
8.3.1 Pin Descripton
8.3.1.1 TXD
The TXD input is a logic-level signal from a CAN controller to the transceiver. The signal is referenced to VCC for
the TCAN3414, or to VIO for the TCAN3413.
8.3.1.2 GND
GND is the ground pin of the transceiver. The pin must be connected to the PCB ground.
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
Texas Instruments
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com