Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 12Page - Texas Instruments TCAN3413 Datasheet HTML 13Page - Texas Instruments TCAN3413 Datasheet HTML 14Page - Texas Instruments TCAN3413 Datasheet HTML 15Page - Texas Instruments TCAN3413 Datasheet HTML 16Page - Texas Instruments TCAN3413 Datasheet HTML 17Page - Texas Instruments TCAN3413 Datasheet HTML 18Page - Texas Instruments TCAN3413 Datasheet HTML 19Page - Texas Instruments TCAN3413 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Recessive
Dominant
Recessive
Time, t
Normal Mode
Standby Mode
CANL
CANH
VDIFF
VDIFF
1.9 V
Figure 8-2. Bus States
Bias
Unit
1.9 V
A
B
GND
CANL
CANH
RXD
A.
A - Normal Mode B - Standby Mode
Figure 8-3. Simplified Recessive Common Mode Bias Unit and Receiver
8.3.3 TXD Dominant Timeout (DTO)
During normal mode, the only mode where the CAN driver is active, the TXD DTO circuit prevents the local
node from blocking network communication in the event of a hardware or software failure where TXD is held
dominant longer than the timeout period tTXD_DTO. The TXD DTO circuit is triggered by a falling edge on TXD.
If no rising edge is seen before the timeout period of the circuit, tTXD_DTO, the CAN driver is disabled. This frees
the bus for communication between other nodes on the network. The CAN driver is reactivated when a recessive
signal is seen on the TXD pin, thus clearing the dominant time out. The receiver remains active and biased to
approximately 1.9 V and the RXD output reflects the activity on the CAN bus during the TXD DTO fault.
The minimum dominant TXD time allowed by the TXD DTO circuit limits the minimum possible transmitted data
rate of the device. The CAN protocol allows a maximum of eleven successive dominant bits (on TXD) for the
worst case, where five successive dominant bits are followed immediately by an error frame. The minimum
transmitted data rate may be calculated using Equation 1 .
Minimum Data Rate = 11 bits / tTXD_DTO = 11 bits / 1.2 ms = 9.2 kbps
(1)
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
   CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com