Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 17 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 13Page - Texas Instruments TCAN3413 Datasheet HTML 14Page - Texas Instruments TCAN3413 Datasheet HTML 15Page - Texas Instruments TCAN3413 Datasheet HTML 16Page - Texas Instruments TCAN3413 Datasheet HTML 17Page - Texas Instruments TCAN3413 Datasheet HTML 18Page - Texas Instruments TCAN3413 Datasheet HTML 19Page - Texas Instruments TCAN3413 Datasheet HTML 20Page - Texas Instruments TCAN3413 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Normal CAN communication
CAN Bus Signal
TXD fault stuck dominant: example PCB failure or bad software
Fault is repaired & transmission capability
restored
TXD (driver)
%XV ZRXOG EH ³VWXFN GRPLQDQW´ EORFNLQJ FRPPXQLFDWLRQ IRU WKH ZKROH QHWZRUN EXW 7;' '72
prevents this and frees the bus for communication after the time tTXD_DTO.
tTXD_DTO
Communication from local node
Communication from repaired node
RXD (receiver)
Communication from other bus node(s)
Communication from repaired local node
Communication from other bus node(s)
tTXD_DTO
Driver disabled freeing bus for other nodes
Figure 8-4. Example Timing Diagram for TXD Dominant Timeout
8.3.4 CAN Bus short-circuit current limiting
The devices have several protection features that limit the short-circuit current when a CAN bus line is shorted.
These include CAN driver current limiting in the dominant and recessive states, and TXD dominant state timeout
which prevents permanently having the higher short-circuit current of a dominant state in case of a system fault.
During CAN communication the bus switches between the dominant and recessive states, thus the short-circuit
current may be viewed as either the current during each bus state or as a DC average current. When selecting
termination resistors or a common-mode choke for the CAN design the average power rating, IOS(AVG), should
be used. The percentage dominant is limited by the TXD DTO and the CAN protocol which has forced state
changes and recessive bits due to bit stuffing, control fields, and interframe space. This makes sure there is a
minimum amount of recessive time on the bus even if the data field contains a high percentage of dominant bits.
The average short-circuit current of the bus depends on the ratio of recessive to dominant bits and their
respective short-circuit currents. The average short-circuit current may be calculated using Equation 2.
IOS(AVG) = % Transmit x [(% REC_Bits x IOS(SS)_REC) + (% DOM_Bits x IOS(SS)_DOM)] + [% Receive x IOS(SS)_REC] (2)
Where:
• IOS(AVG) is the average short-circuit current
• % Transmit is the percentage the node is transmitting CAN messages
• % Receive is the percentage the node is receiving CAN messages
• % REC_Bits is the percentage of recessive bits in the transmitted CAN messages
• % DOM_Bits is the percentage of dominant bits in the transmitted CAN messages
• IOS(SS)_REC is the recessive steady state short-circuit current
• IOS(SS)_DOM is the dominant steady state short-circuit current
The short circuit current and the possible fault cases of the network should be taken into consideration when
sizing the power supply used to generate the transceivers VCC supply.
8.3.5 Thermal Shutdown (TSD)
If the junction temperature of the devices exceed the thermal shutdown threshold, TTSD, the device turns off the
CAN driver circuitry and blocks the TXD to bus transmission path. The shutdown condition is cleared when the
junction temperature of the device drops below TTSD. The CAN bus pins are biased to ~ 1.9 V during a TSD
www.ti.com
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
   CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com