Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCAN3413 Datasheet(HTML) 3 Page - Texas Instruments

  TCAN3413 Datasheet HTML 1Page - Texas Instruments TCAN3413 Datasheet HTML 2Page - Texas Instruments TCAN3413 Datasheet HTML 3Page - Texas Instruments TCAN3413 Datasheet HTML 4Page - Texas Instruments TCAN3413 Datasheet HTML 5Page - Texas Instruments TCAN3413 Datasheet HTML 6Page - Texas Instruments TCAN3413 Datasheet HTML 7Page - Texas Instruments TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5 Pin Configuration and Functions
1
TXD
8
STB
2
GND
7
CANH
3
VCC 
6
CANL
4
RXD
5
SHDN,VIO 
Not to scale
Figure 5-1. DDF Package, 8-Pin SOT
(Top View)
1
TXD
8
STB
2
GND
7
CANH
3
VCC 
6
CANL
4
RXD
5
SHDN,VIO 
Not to scale
Figure 5-2. D Package, 8-Pin SOIC
(Top View)
1
TXD
8
STB
2
GND
7
CANH
3
VCC 
6
CANL
4
RXD
5
SHDN,VIO 
Not to scale
Thermal
Pad
Figure 5-3. DRB Package, 8-Pin VSON
(Top View)
Table 5-1. Pin Functions
Pins
Type(1)
Description
Name
No.
TXD
1
Digital Input CAN transmit data input; integrated pull-up
GND
2
G
Ground connection
VCC
3
Supply
3.3 V supply voltage
RXD
4
Digital Output CAN receive data output, tri-stated when device powered off
SHDN
5
Digital Input
Device in ultra-low power shutdown mode if pin is high; integrated pull-down (TCAN3414
only)
VIO
Supply
I/O supply voltage (TCAN3413 only)
CANL
6
Bus IO
Low-level CAN bus input/output line
CANH
7
Bus IO
High-level CAN bus input/output line
STB
8
Digital Input Standby input for mode control; integrated pull-up
Thermal Pad (VSON only)
Connect the thermal pad to any internal PCB ground plane using multiple vias for optimal
thermal performance.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground.
www.ti.com
TCAN3413, TCAN3414
SLLSFS8 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
   CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
   High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com