Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TW0464A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TW0464A
Descripción Electrónicos  Crystal Oscillator SMD 2.5x2.0 3.5795MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0464A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0464A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 2.5x2.0 3.5795MHz Crystal Oscillator
MODEL NO.: TW0464A
REV. NO: 1.0
Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Application:
3.3 V Supply Voltage CMOS Output
Option-able stand-by function for output .
Electrical Characteristics:
TW0464A
Specifications
Nominal Frequency, Fo
3.579500 MHz
Storage Temperature Range
-40
°C to +90°C
Operating Temperature Range
-20
°C to +70°C
Power Supply Voltage, Vcc
3.3V +/- 5%
Load
15pF
“0” Level
“1” Level
0.33 V max
2.97 V min
Power Supply Current, Icc
4 mA max
Frequency Accuracy
1
+/-30ppm max
Duty Cycle
45% ~ 55%
Rise Time ( 10% -> 90% of final RF level in Vp-p )
Fall Time ( 90% -> 10% of final RF level in Vp-p )
10 nsec max.
10 nsec max
Enable/Disable Function
PIN 1: High or Open, PIN 3:Enable
PIN 1: Low, PIN 3:Disable
#Note 1: Frequency accuracy includes 25℃ tolerance, operating temperature range -20 to 70℃, aging and
voltage or load change
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TW0464A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0462A TAI-SAW-TW0462A Datasheet
131Kb / 8P
SMD 3.2x2.5 8.00MHz Crystal Oscillator
REV. NO.: 1.0
More results

Descripción similar - TW0464A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
TW0299C TAI-SAW-TW0299C Datasheet
172Kb / 9P
Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0
TW0419A TAI-SAW-TW0419A Datasheet
176Kb / 8P
SMD 3.2x2.5 3.5795MHz Crystal Oscillator
REV. NO.: 2.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
TZ0608A TAI-SAW-TZ0608A Datasheet
186Kb / 5P
SMD 2.5x2.0 40.0MHz Crystal Unit
REV. NO.: 2
TZ0631A TAI-SAW-TZ0631A Datasheet
345Kb / 7P
SMD 2.5x2.0 26.0MHz Crystal Unit
REV. NO.: 3
TZ0679A TAI-SAW-TZ0679A Datasheet
186Kb / 5P
SMD 2.5x2.0 48.0MHz Crystal Unit
REV. NO.: 2
TZ0733D TAI-SAW-TZ0733D Datasheet
165Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ1106A TAI-SAW-TZ1106A Datasheet
234Kb / 7P
SMD 2.5x2.0 27.0MHz Crystal Unit
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com