Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TW0464A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TW0464A
Descripción Electrónicos  Crystal Oscillator SMD 2.5x2.0 3.5795MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0464A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0464A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Marking:
Line 1: Frequency (3.57)
Line 2: TST Logo + Date Code + Product Code ( □X is TST internal tracking code, could be
a~z and A~Z, □ : Can Track Year , (Under line With Even Year and Odd Year for Nothing)
The inner vision of PIN#1,PIN#4 side is XTAL blank mounting pad.
Date Code Table
Product Code Table: (Under line With Even Year and Odd Year for Nothing)
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
g
h
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
nopq
r
s
t
u
v
w
x
y
z
PIN#1
PIN#2
PIN#3
PIN#4


Número de pieza similar - TW0464A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0462A TAI-SAW-TW0462A Datasheet
131Kb / 8P
SMD 3.2x2.5 8.00MHz Crystal Oscillator
REV. NO.: 1.0
More results

Descripción similar - TW0464A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
TW0299C TAI-SAW-TW0299C Datasheet
172Kb / 9P
Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0
TW0419A TAI-SAW-TW0419A Datasheet
176Kb / 8P
SMD 3.2x2.5 3.5795MHz Crystal Oscillator
REV. NO.: 2.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
TZ0608A TAI-SAW-TZ0608A Datasheet
186Kb / 5P
SMD 2.5x2.0 40.0MHz Crystal Unit
REV. NO.: 2
TZ0631A TAI-SAW-TZ0631A Datasheet
345Kb / 7P
SMD 2.5x2.0 26.0MHz Crystal Unit
REV. NO.: 3
TZ0679A TAI-SAW-TZ0679A Datasheet
186Kb / 5P
SMD 2.5x2.0 48.0MHz Crystal Unit
REV. NO.: 2
TZ0733D TAI-SAW-TZ0733D Datasheet
165Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ1106A TAI-SAW-TZ1106A Datasheet
234Kb / 7P
SMD 2.5x2.0 27.0MHz Crystal Unit
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com