Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TW0464A Datasheet(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TW0464A
Descripción Electrónicos  Crystal Oscillator SMD 2.5x2.0 3.5795MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0464A Datasheet(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0464A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TW0464A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
Reliability Specifications
Reference
standard
resistance to
Temp./ Duration : 260°C /10sec ×2 times
EIAJED-4701
Soldering heat
Total time : 4min.(IR-reflow)
(IR reflow)
-300(301)M(II)
Vibration
Total peak amplitude : 1.5mm
MIL-STD 202F
Vibration frequency
: 10 to 55 Hz
method 201A
Sweep period
: 1.0 minute
Vibration directions
: 3 mutually perpendicular
Duration
: 2 hr / direc.
Mechanical
directions
: 3 impacts per axis
MIL-STD 202F
Shock
Acceleration : 3000g's, +20/-0 %
method 213C
Duration
: 0.3 ms (total 18 shocks)
Waveform
: Half-sine
Solderability
Solder Temperature:265±5°C
MIL-STD 883G
Duration time: 5±0.5 seconds.
method 2003
Thermal Shock
Heat cycle conditions
MIL-STD 883G
-55 ℃ (30min)
←→
125 ℃ (30min)
method 1010.7
* cycle time : 10 times
Humidity test
Temperature : 70 ± 2 °C
MIL-STD 202F
Relative humidity : 90~95%
method 103B
Duration
: 96 hours
Dry heat
Temperature : 125 ± 2 °C
MIL-STD 883G
( Aging test )
Duration
: 168 hours
method 1008.2
condition C
PCT test
Pressure: 2.06kg/cm
2 (2.03*105 pa)
EIAJED-4701-3
Temperature : 121 ± 2 °C
B-123A
Relative humidity : 100%
Duration
: 24 hours
Environmental characteristics
Mechanical characteristics
Test name
Test process / method


Número de pieza similar - TW0464A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0462A TAI-SAW-TW0462A Datasheet
131Kb / 8P
SMD 3.2x2.5 8.00MHz Crystal Oscillator
REV. NO.: 1.0
More results

Descripción similar - TW0464A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
TW0299C TAI-SAW-TW0299C Datasheet
172Kb / 9P
Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0
TW0419A TAI-SAW-TW0419A Datasheet
176Kb / 8P
SMD 3.2x2.5 3.5795MHz Crystal Oscillator
REV. NO.: 2.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
TZ0608A TAI-SAW-TZ0608A Datasheet
186Kb / 5P
SMD 2.5x2.0 40.0MHz Crystal Unit
REV. NO.: 2
TZ0631A TAI-SAW-TZ0631A Datasheet
345Kb / 7P
SMD 2.5x2.0 26.0MHz Crystal Unit
REV. NO.: 3
TZ0679A TAI-SAW-TZ0679A Datasheet
186Kb / 5P
SMD 2.5x2.0 48.0MHz Crystal Unit
REV. NO.: 2
TZ0733D TAI-SAW-TZ0733D Datasheet
165Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ1106A TAI-SAW-TZ1106A Datasheet
234Kb / 7P
SMD 2.5x2.0 27.0MHz Crystal Unit
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com