Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32H742II Datasheet(PDF) 121 Page - STMicroelectronics

No. de pieza STM32H742II
Descripción Electrónicos  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 117Page - STMicroelectronics STM32H742II Datasheet HTML 118Page - STMicroelectronics STM32H742II Datasheet HTML 119Page - STMicroelectronics STM32H742II Datasheet HTML 120Page - STMicroelectronics STM32H742II Datasheet HTML 121Page - STMicroelectronics STM32H742II Datasheet HTML 122Page - STMicroelectronics STM32H742II Datasheet HTML 123Page - STMicroelectronics STM32H742II Datasheet HTML 124Page - STMicroelectronics STM32H742II Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 357 page
background image
DS12110 Rev 10
121/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
APB2
TIM1
5.1
4.8
4.3
µA/MHz
TIM8
5.4
4.9
4.6
USART1 registers
2.7
2.6
2.5
USART1 kernel
0.1
0.1
0.1
USART6 registers
2.6
2.5
2.5
USART6 kernel
0.1
0.1
0.1
SPI1 registers
1.8
1.6
1.6
SPI1 kernel
1
0.8
0.6
SPI4 registers
1.6
1.5
1.5
SPI4 kernel
0.5
0.4
0.4
TIM15
3.1
2.8
2.7
TIM16
2.4
2.1
2.1
TIM17
2.2
2
1.9
SPI5 registers
1.8
1.7
1.7
SPI5 kernel
0.6
0.5
0.3
SAI1 registers
1.5
1.4
1.4
SAI1 kernel
2
1.7
1.5
SAI2 registers
1.5
1.5
1.3
SAI2 kernel
2.2
1.9
1.8
SAI3 registers
1.8
1.6
1.6
SAI3 kernel
2.5
2.3
2.1
DFSDM1 registers
6
5.4
5.2
DFSDM1 kernel
0.9
0.8
0.7
HRTIM
403735
Bridge APB2
0.1
0.1
0.1
Table 39. Peripheral current consumption in Run mode (continued)
Peripheral
IDD(Typ)
Unit
VOS1
VOS2
VOS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More