Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC10H171 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10H171
Descripción Electrónicos  Dual Binary to 1-4 Decoder (Low)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H171 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H171 Datasheet HTML 1Page - ON Semiconductor MC10H171 Datasheet HTML 2Page - ON Semiconductor MC10H171 Datasheet HTML 3Page - ON Semiconductor MC10H171 Datasheet HTML 4Page - ON Semiconductor MC10H171 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H171
http://onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
− Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range − Plastic
− Ceramic
−55 to +150
−55 to +165
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
85
77
85
mA
IinH
Input Current High
425
265
265
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Data
Select
0.5
0.5
2.0
2.6
0.5
0.5
2.1
2.7
0.5
0.5
2.2
2.8
ns
tr
Rise Time
0.5
1.7
0.5
1.8
0.5
1.9
ns
tf
Fall Time
0.5
1.7
0.5
1.8
0.5
1.9
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Número de pieza similar - MC10H171

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H172 ONSEMI-MC10H172 Datasheet
143Kb / 5P
Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FN ONSEMI-MC10H172FN Datasheet
143Kb / 5P
Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FNG ONSEMI-MC10H172FNG Datasheet
143Kb / 5P
Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FNR2 ONSEMI-MC10H172FNR2 Datasheet
143Kb / 5P
Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FNR2G ONSEMI-MC10H172FNR2G Datasheet
143Kb / 5P
Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
More results

Descripción similar - MC10H171

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC10172 MOTOROLA-MC10172 Datasheet
117Kb / 5P
Dual Binary to 1-4 Decoder(High)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com