Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BSW66A Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BSW66A
Descripción Electrónicos  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSW66A Datasheet(HTML) 5 Page - NXP Semiconductors

  BSW66A Datasheet HTML 1Page - NXP Semiconductors BSW66A Datasheet HTML 2Page - NXP Semiconductors BSW66A Datasheet HTML 3Page - NXP Semiconductors BSW66A Datasheet HTML 4Page - NXP Semiconductors BSW66A Datasheet HTML 5Page - NXP Semiconductors BSW66A Datasheet HTML 6Page - NXP Semiconductors BSW66A Datasheet HTML 7Page - NXP Semiconductors BSW66A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 May 05
5
Philips Semiconductors
Product specification
NPN switching transistors
BSW66A; BSW67A; BSW68A
PACKAGE OUTLINE
UNIT
a
b
D
D1
jk
L
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
6.60
6.35
0.48
0.41
9.39
9.08
8.33
8.18
0.85
0.75
0.95
0.75
14.2
12.7
α
0.2
45
°
DIMENSIONS (mm are the original dimensions)
SOT5/11
TO-39
97-04-11
k
j
D
A
L
seating plane
b
D1
0
5
10 mm
scale
A
5.08
Metal-can cylindrical single-ended package; 3 leads
SOT5/11
A
w
A
M
M
B M
α
B
a
1
2
3


Número de pieza similar - BSW66A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BSW66A SEME-LAB-BSW66A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
BSW66A NJSEMI-BSW66A Datasheet
131Kb / 4P
NPN switching transistors
More results

Descripción similar - BSW66A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com