Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MC10H166 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC10H166
Descripción Electrónicos  5?묪it Magnitude Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H166 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H166 Datasheet HTML 1Page - ON Semiconductor MC10H166 Datasheet HTML 2Page - ON Semiconductor MC10H166 Datasheet HTML 3Page - ON Semiconductor MC10H166 Datasheet HTML 4Page - ON Semiconductor MC10H166 Datasheet HTML 5Page - ON Semiconductor MC10H166 Datasheet HTML 6Page - ON Semiconductor MC10H166 Datasheet HTML 7Page - ON Semiconductor MC10H166 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10H166
http://onsemi.com
3
FIGURE 1 − 9−BIT MAGNITUDE COMPARATOR
A0 B0 A1 B1 A2 B2 A3 B3 A4 B4
A5 B5 A6 B6 A7 B7 A8 B8
A0
A1
A2
A3
A4
B0
B1
B2
B3
B4
MC10H166
A > BA < B
A0
A1
A2
A3
A4
B0
B1
B2
B3
B4
A > B
A < B
A<B
For 9−Bit Word
A4 9
B4 10
A3 12
B3 11
A2 13
B2 14
A1 6
B1 7
A0 5
B0 4
E 15
2 A > B
3 A < B
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
A = B
A>B
LOGIC DIAGRAM
For longer word lengths, the MC10H166 can be serially
expanded or cascaded. Figure 1 shows two devices in a serial
expansion for a 9−bit word length. The A > B and
A < B outputs are fed to the A0 and B0 inputs respectively
of the next device. The connection for an A = B output is also
shown. The worst case delay time of serial expansion is
equal to the number of comparators times the
data−to−output delay.


Número de pieza similar - MC10H166

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
5-Bit Magnitude Comparator
1996 REV 5
More results

Descripción similar - MC10H166

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10166 ONSEMI-MC10166 Datasheet
184Kb / 6P
5?묪it Magnitude Comparator
June, 2006 ??Rev. 7
MC14585B ONSEMI-MC14585B_06 Datasheet
104Kb / 7P
4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
5-Bit Magnitude Comparator
1996 REV 5
logo
National Semiconductor ...
DM7160 NSC-DM7160 Datasheet
103Kb / 4P
Magnitude Comparator
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
9-BIT MAGNITUDE COMPARATOR
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
8-bit Magnitude Comparator
logo
STMicroelectronics
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com