| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES9842PRO Datasheet(PDF) 102 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9842PRO Datasheet(HTML) 102 Page - ESS Technology,Inc |
|
102 / 167 page ![]() CONFIDENTIAL ADVANCE INFORMATION ES9842 PRO Product Datasheet 102 VERSION 0.5 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM Register 69: ADC CH4 CONFIG 1 Bits [7:6] [5:4] [3] [2] [1] [0] Default 2'b00 2'b00 1'b0 1'b0 1'b0 1'b0 Bits Mnemonic Description [7:6] ADC_INT23_SEL_CH4 ADC integrator 2 and 3 control. • Program to 2'b11 for optimum performance [5:4] ADC_INT1_SEL_CH4 ADC integrator 1 control. • Program to 2'b10 for optimum performance [3] ADC_EN_FB_CH4 Enable ADC4 feedback path. • 1'b0: Disabled (default) • 1'b1: Enabled [2] RESERVED NA [1] ADC_EN_INT_CH4 Enable for INT for Channel 4. • 1'b0: Disabled (default) • 1'b1: Enabled [0] ADC_EN_CH4 Enable for Comparator and Logic for Channel 4. • 1'b0: Disabled (default) • 1'b1: Enabled |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |