Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BC857C Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

No. de pieza BC857C
Descripción Electrónicos  Ideally suited for automatic insertion
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Página de inicio  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC857C Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  BC857C Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC857C Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC857C Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC857C Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C85xx-SERIES
B
TRANSISTOR(PNP)
FEATURE
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
BASE
SOT-23
EMITTER
COLLECTOR
MARKING
BC856=3D;BC857=3H;
BC856A=3A;BC856B=3B;
BC857A=3E;BC857B=3F;BC857C=3G;
BC858A=3J; BC858B=3K; BC858C=3L
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
BC856
BC857
BC858
-80
-50
-30
V
VCEO
Collector-Emitter Voltage
BC856
BC857
BC858
-65
-45
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current –Continuous
-0.1
A
PC
Collector Power Dissipation
225
mW
625
TJ
Junction Temperature
150
Tstg
Storage Temperature
-65-150
RΘJA
Thermal Resistance From Junction To Ambient
/ W


Número de pieza similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC857C PHILIPS-BC857C Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Transys Electronics
BC857C TRSYS-BC857C Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC857C SIEMENS-BC857C Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC857C FAIRCHILD-BC857C Datasheet
68Kb / 5P
Switching and Amplifier Applications
BC857C FAIRCHILD-BC857C Datasheet
40Kb / 5P
PNP General Purpose Amplifier
More results

Descripción similar - BC857C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
1N4448 HY-1N4448 Datasheet
103Kb / 2P
Surface Mount Package Ideally Suited For Automatic Insertion
logo
Yea Shin Technology Co....
MMBD3004C YEASHIN-MMBD3004C Datasheet
437Kb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
Ideally suited for automatic insertion
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
Ideally suited for automatic insertion
logo
DIYI Electronic Technol...
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
SHIKUES Electronics
BAS16 SKTECHNOLGY-BAS16 Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19 SKTECHNOLGY-BAS19 Datasheet
774Kb / 3P
Surface Mount Package Ideally Suited for Automatic Insertion
BAS19W SKTECHNOLGY-BAS19W Datasheet
1Mb / 2P
Surface Mount Package Ideally Suited for Automatic Insertion
logo
Shanghai Leiditech Elec...
BAS19 LEIDITECH-BAS19 Datasheet
415Kb / 3P
Surface mount package ideally suited for Automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
Ideally suited for automatic insertion
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com