Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 20 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN3413 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 16Page - Texas Instruments TCAN3413 Datasheet HTML 17Page - Texas Instruments TCAN3413 Datasheet HTML 18Page - Texas Instruments TCAN3413 Datasheet HTML 19Page - Texas Instruments TCAN3413 Datasheet HTML 20Page - Texas Instruments TCAN3413 Datasheet HTML 21Page - Texas Instruments TCAN3413 Datasheet HTML 22Page - Texas Instruments TCAN3413 Datasheet HTML 23Page - Texas Instruments TCAN3413 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
fault and the receiver to RXD path remains operational. The TCAN341x TSD circuit includes hysteresis which
prevents the CAN driver output from oscillating during a TSD fault.
7.3.6 Undervoltage Lockout
The supply pins, VCC and VIO, have undervoltage detection that places the device into a protected state. This
protects the bus during an undervoltage event on either supply pin.
Table 7-1. Undervoltage Lockout - TCAN3414
VCC
DEVICE STATE
BUS
RXD PIN
> UVVCC
Normal if STB = GND and SHDN
= GND
Per TXD
Mirrors bus
> UVVCC
Standby mode if STB = High and
SHDN = GND
Weak biased to GND
VCC, Remote wake request
See Remote Wake Request
via Wake-Up Pattern (WUP) in
Standby Mode
> UVVCC
Shutdown mode if SHDN = High
Weak biased to GND
VCC
< UVVCC
Protected
High impedance
High impedance
Table 7-2. Undervoltage Lockout - TCAN3413
VCC
VIO
DEVICE STATE
BUS
RXD PIN
> UVVCC
> UVVIO
Normal
Per TXD
Mirrors bus
< UVVCC
> UVVIO
STB = High: Standby Mode
Weak biased to GND
VIO: Remote wake request
See Remote Wake Request via
Wake-Up Pattern (WUP) in Standby
Mode
STB =Low: Protected Mode
High impedance
Recessive
> UVVCC
< UVVIO
Protected
High impedance
High impedance
< UVVCC
< UVVIO
Protected
High impedance
High impedance
Once the undervoltage condition is cleared and tMODE or tSHDN2 has expired, the TCAN341x transitions to normal
mode. The host controller again sends and receives CAN traffic.
7.3.7 Unpowered Device
For unpowered conditions, the TCAN341x is designed to be a passive or no load to the CAN bus. This is
because the bus pins were designed to have low leakage currents to not load the bus. This design consideration
is critical if some nodes of the network are unpowered while the rest of the network remains operational.
For unpowered scenario, the logic pins also have low leakage currents so they do not load other circuits which
may remain powered.
7.3.8 Floating pins
The TCAN341x devices have internal pull-up/pull-down resistors on critical pins which place the device into
known states if the pin floats. This internal bias should not be relied upon by design though, especially in noisy
environments, but instead should be considered a failsafe protection feature.
When a CAN controller supporting open-drain outputs is used, an adequate external pull-up resistor must be
chosen. This makes sure the TXD output of the CAN controller maintains acceptable bit time to the input of the
CAN transceiver. See Table 7-3 for details on pin bias conditions.
TCAN3413, TCAN3414
SLLSFS8A – MARCH 2023 – REVISED NOVEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com