Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN3413 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 3Page - Texas Instruments TCAN3413 Datasheet HTML 4Page - Texas Instruments TCAN3413 Datasheet HTML 5Page - Texas Instruments TCAN3413 Datasheet HTML 6Page - Texas Instruments TCAN3413 Datasheet HTML 7Page - Texas Instruments TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments TCAN3413 Datasheet HTML 10Page - Texas Instruments TCAN3413 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
5.8 Electrical Characteristics (continued)
parameters valid over recommended operating conditions with -40
℃ ≤ TJ ≤ 150℃ (Typical values are at VCC = 3.3 V, VIO =
3.3 V for TCAN3413, Device ambient maintained at 27
℃) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VO(STB)
Bus output voltage standby
mode
CANH
TXD = STB = VIO or VCC,
RL = open , CL = open
See Figure 6-2 and Figure 7-3
-0.1
0.1
V
CANL
-0.1
0.1
V
CANH - CANL
-0.2
0.2
V
IOS(DOM)
Short-circuit bus output current, dominant,
normal mode
See Figure 6-7 and Figure 7-3, V(CANH) =
-15 V to 40 V, CANL = open, TXD = 0 V
–115
115
mA
See Figure 6-7 and Figure 7-3 , V(CAN_L) =
-15 V to 40 V, CANH = open, TXD = 0 V
–115
115
mA
IOS(REC)
Short-circuit steady-state output current,
recessive, normal mode
See Figure 6-7 and Figure 7-3 , V(CANH) =
-27 V to 32 V, CANL = open, STB=0, TXD
= VIO or VCC,
–7
7
mA
See Figure 6-7 and Figure 7-3 , V(CANL) =
-27 V to 32 V, CANH = open, STB = 0,
TXD = VIO or VCC,
–7
7
mA
Receiver Electrical Characteristics
VIT
Input threshold voltage normal mode
See Figure 6-3 and Table 7-6
-30 V ≤ VCM ≤ 30 V, STB, SHDN= 0 V
500
900
mV
VIT(STB)
Input threshold standby mode, TCAN3414
See Figure 6-3 and Table 7-6
-30 V ≤ VCM ≤ 30 V, SHDN= 0 V,
STB= VCC
400
1150
mV
Input threshold standby mode, TCAN3413
See Figure 6-3 and Table 7-6
VIO = 3 V to 3.6 V, -30 V ≤ VCM ≤ 30 V,
STB= VIO
400
1150
mV
See Figure 6-3 and Table 7-6
VIO = 1.7 V to 1.9 V, 2.25 V to 2.75 V, -12
V ≤ VCM ≤ 12 V, STB= VIO
400
1150
mV
VDOM
Normal mode dominant state differential input
voltage range
See Figure 6-3 and Table 7-6
-30 V ≤ VCM ≤ 30 V, STB, SHDN= 0 V
0.9
9
V
VREC
Normal mode recessive state differential input
voltage range
See Figure 6-3 and Table 7-6
-30 V ≤ VCM ≤ 30 V, STB, SHDN= 0 V
-4
0.5
V
VDOM(STB)
Standby mode dominant state differential input
voltage range
See Figure 6-3 and Table 7-6
SHDN= 0 V, STB = VIO, -30 V ≤ VCM ≤ 30
V
1.15
9
V
VREC(STB)
Standby mode recessive state differential input
voltage range
See Figure 6-3 and Table 7-6
SHDN = 0 V, STB = VIO, -30 V ≤ VCM ≤ 30
V
-4
0.4
V
VHYS
Hysteresis voltage for input threshold normal
mode
See Figure 6-3 and Table 7-6
-30 V ≤ VCM ≤ 30 V, STB, SHDN= 0 V
50
mV
VCM
Common mode range normal and standby
modes
See Figure 6-3 and Table 7-6
–30
30
V
ILKG(IOFF)
Unpowered bus input leakage current
CANH = CANL = 5 V, VCC = VIO = GND
5
µA
CI
Input capacitance to ground (CANH or CANL)
TXD = VIO,
40
pF
CID
Differential input capacitance
20
pF
RID
Differential input resistance
TXD = VIO, STB = 0 V -30 V ≤ VCM ≤ 30 V
25
50
RIN
Single ended input resistance
(CANH or CANL)
13
25
RIN(M)
Input resistance matching
[1 – (RIN(CANH) / RIN(CANL))] × 100 %
V(CAN_H) = V(CAN_L) = 5 V
–3
3
%
TXD Terminal (CAN Transmit Data Input)
VIH
High-level input voltage
TCAN3414
0.7 VCC
V
VIH
High-level input voltage
TCAN3413
0.7 VIO
V
VIL
Low-level input voltage
TCAN3414
0.3 VCC
V
VIL
Low-level input voltage
TCAN3413
0.3 VIO
V
IIH
High-level input leakage current
TXD = VCC = VIO = 3.6 V
–2.5
0
1
µA
IIL
Low-level input leakage current
TXD = 0 V, VCC = VIO = 3.6 V
–200
-100
–20
µA
ILKG(OFF)
Unpowered leakage current
TXD = 3.6 V, VCC = VIO = 0 V
–1
0
1
µA
www.ti.com
TCAN3413, TCAN3414
SLLSFS8A – MARCH 2023 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com