Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN3413 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 4Page - Texas Instruments TCAN3413 Datasheet HTML 5Page - Texas Instruments TCAN3413 Datasheet HTML 6Page - Texas Instruments TCAN3413 Datasheet HTML 7Page - Texas Instruments TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments TCAN3413 Datasheet HTML 10Page - Texas Instruments TCAN3413 Datasheet HTML 11Page - Texas Instruments TCAN3413 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
5.8 Electrical Characteristics (continued)
parameters valid over recommended operating conditions with -40
℃ ≤ TJ ≤ 150℃ (Typical values are at VCC = 3.3 V, VIO =
3.3 V for TCAN3413, Device ambient maintained at 27
℃) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
CI
Input capacitance
4
pF
RXD Terminal (CAN Receive Data Output)
VOH
High-level output voltage
TCAN3414
See Figure 6-3 , IO = –2 mA
0.8 VCC
V
VOH
High-level output voltage
See Figure 6-3 , IO = –1.5 mA, TCAN3413
0.8 VIO
V
VOL
Low-level output voltage
TCAN3414
See Figure 6-3 , IO = 2 mA
0.2 VCC
V
VOL
Low-level output voltage
TCAN3413
See Figure 6-3 , IO = 1.5 mA
0.2 VIO
V
ILKG(OFF)
Unpowered leakage current
RXD = 3.6 V, VCC = VIO = 0 V
–1
0
1
µA
STB Terminal (Standby Mode Input)
VIH
High-level input voltage
TCAN3414
0.7 VCC
V
VIH
High-level input voltage
TCAN3413
0.7 VIO
V
VIL
Low-level input voltage
TCAN3414
0.3 VCC
V
VIL
Low-level input voltage
TCAN3413
0.3 VIO
V
IIH
High-level input leakage current
VCC = VIO = STB = 3.6 V
–2
2
µA
IIL
Low-level input leakage current
VCC = VIO = 3.6 V, STB = 0 V
–20
–2
µA
ILKG(OFF)
Unpowered leakage current
STB = 3.6V, VCC= VIO = 0 V
–1
0
1
µA
SHDN Terminal (Shutdown mode input)
VIH
High-level input voltage
TCAN3414
0.7 VCC
V
VIL
Low-level input voltage
TCAN3414
0.3 VCC
V
IIH
High-level input leakage current
VCC = VIO = SHDN = 3.6 V
2
5.5
µA
IIL
Low-level input leakage current
VCC = VIO = 3.6 V, SHDN = 0 V
–2
2
µA
ILKG(OFF)
Unpowered leakage current
SHDN = 3.6 V, VCC= VIO = 0 V
–1
0
1
µA
5.9 Switching Characteristics
parameters valid over recommended operating conditions with -40
℃ ≤ TJ ≤ 150℃ (Typical values are at VCC = 3.3 V, VIO =
3.3 V for TCAN3413, Device ambient maintained at 27
℃) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Device Switching Characteristics
tPROP(LOOP1)
Total loop delay, driver input (TXD) to receiver
output (RXD), recessive to dominant
See Figure 6-4, normal mode, VCC = VIO
= 3 V to 3.6 V, RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF
TCAN3414, TCAN3413
95
180
ns
See Figure 6-4 , normal mode, VCC = 3
to 3.6 V, VIO = 2.25 V to 2.75 V, RL = 60
Ω, CL = 100 pF, CL(RXD) = 15 pF
TCAN3413
102
190
ns
See Figure 6-4 , normal mode, VCC = 3
to 3.6 V, VIO = 1.71 V to 1.89 V, RL = 60
Ω, CL = 100 pF, CL(RXD) = 15 pF
TCAN3413
115
210
ns
tPROP(LOOP2)
Total loop delay, driver input (TXD) to receiver
output (RXD), dominant to recessive
See Figure 6-4 , normal mode, VCC = VIO
= 3 V to 3.6 V, RL = 60 Ω, CL = 100 pF,
CL(RXD) = 15 pF
TCAN3414, TCAN3413
120
180
ns
See Figure 6-4 , normal mode, VCC = 3
to 3.6 V, VIO = 2.25 V to 2.75 V, RL = 60
Ω, CL = 100 pF, CL(RXD) = 15 pF
TCAN3413
125
190
ns
See Figure 6-4 , normal mode, VCC = 3
to 3.6 V, VIO = 1.71 V to 1.89 V, RL = 60
Ω, CL = 100 pF, CL(RXD) = 15 pF
TCAN3413
140
210
ns
TCAN3413, TCAN3414
SLLSFS8A – MARCH 2023 – REVISED NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com