Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TCAN3413
Descripción Electrónicos  TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN3413 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCAN3413 Datasheet HTML 5Page - Texas Instruments TCAN3413 Datasheet HTML 6Page - Texas Instruments TCAN3413 Datasheet HTML 7Page - Texas Instruments TCAN3413 Datasheet HTML 8Page - Texas Instruments TCAN3413 Datasheet HTML 9Page - Texas Instruments TCAN3413 Datasheet HTML 10Page - Texas Instruments TCAN3413 Datasheet HTML 11Page - Texas Instruments TCAN3413 Datasheet HTML 12Page - Texas Instruments TCAN3413 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
5.9 Switching Characteristics (continued)
parameters valid over recommended operating conditions with -40
℃ ≤ TJ ≤ 150℃ (Typical values are at VCC = 3.3 V, VIO =
3.3 V for TCAN3413, Device ambient maintained at 27
℃) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tMODE
Mode change time, from normal to standby or from
standby to normal
See Figure 6-5
30
µs
tSHDN1
Mode change time from normal mode to shutdown
mode
With TXD = High, Time from SHDN pin
(low to high edge 50%) to CANH going
from recessive level Vo(rec) to 0.5V
40
µs
tSHDN2
Mode change time from shutdown mode to normal
mode
With TXD high, time from SHDN pin
(high to low edge 50%) to CANH going
from 0.5V to Vo(rec)
200
µs
tWK_FILTER
Filter time for a valid wake-up pattern
See Figure 7-5
0.5
1.8
µs
tWK_TIMEOUT
Bus wake-up timeout value
0.8
6
ms
Tstartup
Time duration after VCC or VIO hass cleared UV+,
and device can resume normal operation
1.5
ms
Tfilter(STB)
Filter on STB pin to filter out any glitches
0.5
1
2
µs
Tfilter(SHDN)
Filter on SHDN pin to filter out any glitches
0.5
1
2
µs
Driver Switching Characteristics
tprop(TxD-busrec)
Propagation delay time, low-to-high TXD edge to
driver recessive (dominant to recessive)
See Figure 6-2 , STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF, VCC = VIO = 3 V to 3.6
V
TCAN3414, TCAN3413
65
100
ns
See Figure 6-2 ,STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF, VCC = 3 to 3.6 V, VIO
= 2.25 V to 2.75 V
TCAN3413
67
110
ns
See Figure 6-2 ,STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF, VCC = 3 to 3.6 V, VIO
= 1.71 V to 1.89 V
TCAN3413
71
110
ns
tprop(TxD-busdom)
Propagation delay time, high-to-low TXD edge to
driver dominant (recessive to dominant)
See Figure 6-2 , STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF, VCC = VIO = 3 V to 3.6
V
TCAN3414, TCAN3413
46
100
ns
See Figure 6-2 ,STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF, VCC = 3 to 3.6 V, VIO
= 2.25 V to 2.75 V
TCAN3413
48
110
ns
See Figure 6-2 ,STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF, VCC = 3 to 3.6 V, VIO
= 1.71 V to 1.89 V
TCAN3413
53
110
ns
tsk(p)
Pulse skew (|tprop(TxD-busrec) - tprop(TxD-busdom)|)
, STB, SHDN = 0 V, RL = 60 Ω, CL = 100
pF, See Figure 6-2
18
28
ns
tR
Differential output signal rise time
See Figure 6-2 , STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF
32
57
ns
tF
Differential output signal fall time
30
50
ns
tTXD_DTO
Dominant timeout
See Figure 6-6 , STB, SHDN = 0 V, RL =
60 Ω, CL = 100 pF
1.2
4.0
ms
Receiver Switching Characteristics
tprop(busrec-RXD)
Propagation delay time, bus recessive input to RXD
high output (dominant to recessive)
See Figure 6-3 , STB, SHDN = 0 V,
CL(RXD) = 15 pF, VCC = VIO = 3 V to 3.6 V
TCAN3414, TCAN3413
55
90
ns
See Figure 6-3 , STB, SHDN = 0 V,
CL(RXD) = 15 pF, VCC = 3 to 3.6 V, VIO
= 2.25 V to 2.75 V
TCAN3413
60
90
ns
See Figure 6-3 , STB, SHDN = 0 V,
CL(RXD) = 15 pF, VCC = 3 to 3.6 V, VIO
= 1.71 V to 1.89 V
TCAN3413
70
102
ns
www.ti.com
TCAN3413, TCAN3414
SLLSFS8A – MARCH 2023 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TCAN3413 TCAN3414


Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results

Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
[Old version datasheet]   TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V Automotive CAN Bus Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com