Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN65HVD230 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN65HVD230
Descripción Electrónicos  3.3-V CAN TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD230 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD230_06 Datasheet HTML 1Page - Texas Instruments SN65HVD230_06 Datasheet HTML 2Page - Texas Instruments SN65HVD230_06 Datasheet HTML 3Page - Texas Instruments SN65HVD230_06 Datasheet HTML 4Page - Texas Instruments SN65HVD230_06 Datasheet HTML 5Page - Texas Instruments SN65HVD230_06 Datasheet HTML 6Page - Texas Instruments SN65HVD230_06 Datasheet HTML 7Page - Texas Instruments SN65HVD230_06 Datasheet HTML 8Page - Texas Instruments SN65HVD230_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
over operating free-air temperature range (unless otherwise noted)(1)(2)
UNIT
Supply voltage range, VCC
-0.3 V to 6 V
Voltage range at any bus terminal (CANH or CANL)
-4 V to 16 V
Voltage input range, transient pulse, CANH and CANL, through 100
Ω (see Figure 7)
-25 V to 25 V
Input voltage range, VI (D or R)
-0.5 V to VCC + 0.5 V
Receiver output current, IO
±11 mA
CANH, CANL and GND
16 kV
Human body model(3)
Electrostatic discharge
All Pins
4 kV
Charged-device model(4)
All pins
1 kV
Continuous total power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods amy affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
MIN NOM MAX UNIT
Supply voltage, VCC
3
3.6
V
Voltage at any bus terminal (common mode) VIC
-2(1)
7
V
Voltage at any bus terminal (separately) VI
-2.5
7.5
V
High-level input voltage, VIH
D, R
2
V
Low-level input voltage, VIL
D, R
0.8
V
Differential input voltage, VID (see Figure 5)
-6
6
V
Input voltage, V(Rs)
0
VCC
V
Input voltage for standby or sleep, V(Rs)
0.75 VCC
VCC
V
Wave-shaping resistance, Rs
0
100
k
Driver
-40
High-level output current, IOH
mA
Receiver
-8
Driver
48
Low-level output current, IOL
mA
Receiver
8
Operating free-air temperature, TA
-40
85
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
5
Submit Documentation Feedback


Número de pieza similar - SN65HVD230_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65HVD230D TI-SN65HVD230D Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230MDREP TI1-SN65HVD230MDREP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q TI-SN65HVD230Q Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q TI-SN65HVD230Q Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
More results

Descripción similar - SN65HVD230_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com