| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8540PX667JC Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540PX667JC Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc |
|
102 / 104 page ![]() MPC8540 Integrated Processor Hardware Specifications, Rev. 4 102 Freescale Semiconductor Device Nomenclature 19.2 Part Marking Parts are marked as the example shown in Figure 55. Figure 55. Part Marking for FC-PBGA Device MPC85nn xPXxxxn MMMMM ATWLYYWWA Notes: CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States. MMMMM is the 5-digit mask number. ATWLYYWWA is the traceability code. CCCCC FC-PBGA MPCnnnntppfffcr 85xx Notes: CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States. MMMMM is the 5-digit mask number. ATWLYYWWA is the traceability code. YWWLAZ ATWLYYWWA MMMMM CCCCC YWWLAZ is the assembly traceability code. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |